Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M21528-13 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # M21528-13
Description  Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21528-13 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M21528-13 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21528-13 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Table 1-5.
High Speed Input/Output Electrical Specifications
Symbol
Parameter
Note
Minimum
Typical
Maximum
Unit
VO
Output Voltage Range
1
730
800
850
mV
tr/tf
SD Rise/Fall Time (20–80%)
1,3,4
400
600
800
ps
tr/tf
3G/HD Rise/Fall Time (20–80%)
1
70
90
ps
tr-tf
SD Rise/Fall Time Mismatch
1,3,4
125
ps
tr-tf
3G/HD Rise/Fall Time Mismatch
1,3
30
ps
DCD
Duty Cycle Distortion, SD
1,4
100
ps
DCD
Duty Cycle Distortion, 3G, HD
1,3
30
ps
JAOPP
Additive Output Jitter, SD
1,2,4
60
100
ps
JAOPP
Additive Output Jitter, 3G, HD
1,2
12
29
ps
S22
Output Return Loss (5 MHz to 1.5 GHz)
6,8
20
dB
S22
Output Return Loss (5 MHz to 3.0 GHz)
5,8
11
dB
S22
Output Return Loss (5 MHz to 3.0 GHz)
6,8
14
dB
DRIN
Input Data rate
270
2970
Mbps
VID
Differential Input Voltage (p–p)
7
400
1600
mV
VIC
Input Common mode range
AVDDI – 0.6
AVDDI + 0.1
V
IE
Input Equalizer Gain Off (EN_EQ = 0)
0
dB
Input Equalizer Gain Med (EN_EQ = F)
4
dB
Input Equalizer Gain High (EN_EQ = H)
6
dB
RINT
Input Termination to AVDDI
40
50
60
NOTES:
1.
Measured AC coupled into 1m coaxial cable, terminated with appropriate 75
 or 50 load.
2.
Measured with PRBS 215-1 test pattern.
3.
For data rates above 360 Mb/s, the cable driver must be in HD mode (SD/xHD = 0).
4.
SD/xHD = 1, measured at 270 Mb/s.
5.
Without external matching network.
6.
With external matching network Rmatching=75, Lmatching=1nH, only applicable to 75 mode.
7.
EQ_EN = L (input equalization off) PD_MODE = F (LOS enabled), point blank.
8.
As measured on MACOM EVM at BNC connector with output impedance set to 75
.
M21528-13
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
6
Dual 3G/HD/SD-SDI Multi-rate Video Cable Driver
Rev V4


Similar Part No. - M21528-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
3G/HD/SD-SDI Low Power Dual Cable Driver
More results

Similar Description - M21528-13

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21518-13 MA-COM-M21518-13 Datasheet
931Kb / 24P
3G/HD/SD-SDI Multi-rate Video Cable Driver
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21424 MA-COM-M21424 Datasheet
180Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Equalizer
M21428 MA-COM-M21428 Datasheet
195Kb / 2P
3G/HD/SD-SDI Dual-Output Cable Driver
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
3G/HD/SD-SDI Low Power Cable Driver
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
3G/HD/SD-SDI Low Power Dual Cable Driver
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
3G/HD/SD-SDI Multi-rate Video Quad Reclocker
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
HD/SD and 3G/HD/SD-SDI Cable Drivers
logo
Microchip Technology
EQCO30T5.2 MICROCHIP-EQCO30T5.2 Datasheet
377Kb / 22P
EQCO30T5.2 3G/HD-SDI Video Cable Driver
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com