Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT20-0106 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AT20-0106
Description  Low DC Power Consumption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT20-0106 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AT20-0106_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT20-0106_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT20-0106_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT20-0106_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AT20-0106_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Digital Attenuator
50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Rev. V10
AT20-0106
3
3
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
3
Recommended PCB Configuration
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
Max Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-8.5V ≤ VEE ≤ +0.5V
VCC - VEE
-0.5V ≤ VCC - VEE ≤ 14.5V
Vin5
-0.5V ≤ Vin ≤ VCC + 0.5V
Operating Temperature
-40°C to +125°C
Storage Temperature
-65°C to +150°C
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
5.
Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table (Digital Attenuator)
Control Inputs
C6
C5
C4
C3
C2
C1
Attenuation
0
0
0
0
0
0
Reference
0
0
0
0
0
1
1 dB
0
0
0
0
1
0
2 dB
0
0
0
1
0
0
4 dB
0
0
1
0
0
0
8 dB
0
1
0
0
0
0
16 dB
1
0
0
0
0
0
32 dB
1
1
1
1
1
1
63 dB
Attenuation Accuracy vs. Frequency
Typical Performance Curves
Insertion Loss vs. Frequency
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
Frequency (GHz)
+85 °C
+25 °C - 55 °C
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.0
0.5
1.0
1.5
2.0
F requency (GH z)
1 d B
2 d B
4 d B
8 d B
0 = TTL Low; 1 = TTL High


Similar Part No. - AT20-0106_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0106 MACOM-AT20-0106_1 Datasheet
185Kb / 4P
   Digital Attenuator 50.0dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - AT20-0106_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007078 MA-COM-MAAD-007078 Datasheet
807Kb / 7P
   Low DC Power Consumption
logo
Hexawave, Inc
HWS541 HW-HWS541 Datasheet
104Kb / 2P
   Low DC Power Consumption
logo
M/A-COM Technology Solu...
MAAD-007084 MA-COM-MAAD-007084 Datasheet
700Kb / 5P
   Low DC Power Consumption
logo
Torex Semiconductor
XC9252 TOREX-XC9252 Datasheet
1Mb / 28P
   Low Power Consumption Step-down DC/DC Controller IC
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com