Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT20-0106 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AT20-0106
Description  Low DC Power Consumption
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT20-0106 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AT20-0106_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT20-0106_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT20-0106_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AT20-0106_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. AT20-0106_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Digital Attenuator
50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
Rev. V10
AT20-0106
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Attenuation: 1 dB steps to 50 dB
 Temperature Stability: ± 0.18 dB from –40°C to
+85°C Typical
 Low DC Power Consumption
 Surface Mount Package
 Integral TTL Driver
 High Intercept Point
 Low Cost/High Performance
 50 Ohm Nominal Impedance
 Lead-Free CR-13 Package
 260°C Reflow Compatible
 RoHS* Compliant
Description
M/A-COM’s AT20-0106 is a GaAs FET 6-bit digital
attenuator with a 1 dB minimum step size and 50 dB
total attenuation. This attenuator and integral TTL
driver is in a ceramic 24-lead surface mount pack-
age. The AT20-0106 is ideally suited for use where
accuracy, fast switching, low power consumption
and low intermodulation products are required. Typi-
cal
applications
include
dynamic
range
setting in precision receiver circuits and other gain/
leveling control circuits.
Available with enhanced
performance as fully hermetic version. Environmen-
tally screenable as P/N AT-106-PIN.
Ordering Information
Part Number
Package
AT20-0106-PIN
Bulk Packaging
AT20-0106-TR
1000 piece reel
AT20-0106-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Functional Schematic
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
13
RF2
2
GND
14
GND
3
GND
15
GND
4
C32
16
GND
5
C16
17
GND
6
Vee (-5V to -8V)
18
GND
7
Vcc (+5V)
19
GND
8
C8
20
GND
9
C4
21
GND
10
C2
22
GND
11
C1
23
GND
12
GND
24
RF1
The metal bottom of the case must be connected to RF and DC
ground.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
PIN 1 GND
GND
GND
C32
C16
Vee (-5V to -8V)
Vcc (+5V)
C8
GND
GND
GND
GND
GND
GND
RF1 PIN 24
32 dB
16 dB
8 dB
4 dB
2 dB
1 dB
GND
GND
GND Orientation Mark
GND
RF2 PIN 13
C4
C2
C1
PIN 12 GND


Similar Part No. - AT20-0106_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0106 MACOM-AT20-0106_1 Datasheet
185Kb / 4P
   Digital Attenuator 50.0dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - AT20-0106_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-007078 MA-COM-MAAD-007078 Datasheet
807Kb / 7P
   Low DC Power Consumption
logo
Hexawave, Inc
HWS541 HW-HWS541 Datasheet
104Kb / 2P
   Low DC Power Consumption
logo
M/A-COM Technology Solu...
MAAD-007084 MA-COM-MAAD-007084 Datasheet
700Kb / 5P
   Low DC Power Consumption
logo
Torex Semiconductor
XC9252 TOREX-XC9252 Datasheet
1Mb / 28P
   Low Power Consumption Step-down DC/DC Controller IC
logo
SHANGHAI BELLING CO., L...
BL8070CA5TR BELLING-BL8070CA5TR Datasheet
447Kb / 6P
   Low Power Consumption
logo
Unisonic Technologies
LR9203XG-XX-AF5-R UTC-LR9203XG-XX-AF5-R Datasheet
236Kb / 9P
   LOW POWER CONSUMPTION
logo
SunLED Corporation
XDMYK14A2 SUNLED-XDMYK14A2 Datasheet
224Kb / 3P
   Low power consumption
XEMR21D SUNLED-XEMR21D Datasheet
220Kb / 3P
   Low power consumption
XEUR21D SUNLED-XEUR21D Datasheet
231Kb / 3P
   Low power consumption
XLUR34D SUNLED-XLUR34D Datasheet
235Kb / 3P
   Low power consumption
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com