Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29209-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29209-Q1
Description  Voltage Protection with Automatic Cell Balance
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29209-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  BQ29209-Q1 Datasheet HTML 1Page - Texas Instruments BQ29209-Q1 Datasheet HTML 2Page - Texas Instruments BQ29209-Q1 Datasheet HTML 3Page - Texas Instruments BQ29209-Q1 Datasheet HTML 4Page - Texas Instruments BQ29209-Q1 Datasheet HTML 5Page - Texas Instruments BQ29209-Q1 Datasheet HTML 6Page - Texas Instruments BQ29209-Q1 Datasheet HTML 7Page - Texas Instruments BQ29209-Q1 Datasheet HTML 8Page - Texas Instruments BQ29209-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
CELL1
CELL2
RCB
RCB2
CIN
CIN
CVD
RVD
CCD
OUT
VDD
CB_EN
GND
1
2
4
3
CD
VC2
VC1
VC1_CB
8
7
5
6
PWR PAD
RCB1
PACK+
PACK-
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq29209-Q1
SLUSC62A – JUNE 2015 – REVISED MARCH 2016
bq29209-Q1 Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion
Batteries
1
1 Features
1
2-Series Cell Secondary Protection
Automatic Cell Imbalance Correction with External
Enable Control
±30-mV Enable, 0-mV Disable Thresholds
Typical
External Capacitor-Controlled Delay Timer
External Resistor-Controlled Cell Balance Current
Low Power Consumption ICC < 3 µA Typical
(VCELL(ALL) < VPROTECT)
Internal Cell Balancing Handles Current
up to 15 mA
External Cell Balancing Mode Supported
High-Accuracy Overvoltage Protection:
±25 mV with TA = 0°C to 60°C
Fixed Overvoltage Protection Threshold:
4.30 V
Small 8L DRB Package
Automotive-Qualified AEC Q100 Grade Two
2 Applications
2nd Level Protection in Li-Ion Battery Packs
Emergency Call (eCall)
Netbook Computers
Power Tools
Portable Equipment and Instrumentation
Battery Backup Systems
3 Description
The bq29209-Q1 device is a secondary overvoltage
protection IC for 2-series cell lithium-ion battery packs
that
incorporates
a
high-accuracy
precision
overvoltage
detection
circuit
and
automatic
cell
imbalance correction.
The voltage of each cell in a 2-series cell battery
pack is compared to a factory programmed internal
reference
voltage.
If
either
cell
reaches
an
overvoltage condition, the OUT pin changes from low
to high state.
The bq29209-Q1 can perform automatic voltage-
based cell imbalance correction. Balancing can start
when the cell voltages are different by nominally
30 mV or more and stops when the difference is
nominally 0 mV. Cell balancing is enabled and
disabled by the CB_EN pin.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq29209-Q1
VSON (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - BQ29209-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29209 TI1-BQ29209 Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
BQ29209DRBR TI-BQ29209DRBR Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29209DRBR TI1-BQ29209DRBR Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
BQ29209DRBT TI-BQ29209DRBT Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29209DRBT TI1-BQ29209DRBT Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
More results

Similar Description - BQ29209-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200 TI1-BQ29200_16 Datasheet
913Kb / 24P
[Old version datasheet]    Voltage Protection with Automatic Cell Balance
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com