Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29209-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29209-Q1
Description  Voltage Protection with Automatic Cell Balance
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29209-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ29209-Q1 Datasheet HTML 5Page - Texas Instruments BQ29209-Q1 Datasheet HTML 6Page - Texas Instruments BQ29209-Q1 Datasheet HTML 7Page - Texas Instruments BQ29209-Q1 Datasheet HTML 8Page - Texas Instruments BQ29209-Q1 Datasheet HTML 9Page - Texas Instruments BQ29209-Q1 Datasheet HTML 10Page - Texas Instruments BQ29209-Q1 Datasheet HTML 11Page - Texas Instruments BQ29209-Q1 Datasheet HTML 12Page - Texas Instruments BQ29209-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
VC2
7.6 V
6 V
100%
79%
8.4 V
111%
(VC2
VC1)
CB2
+
)+
VD
CB
CB2
I
(R
R
R
-
=
VC1
CB1
R
CB
CB1
I
R
=
+
9
bq29209-Q1
www.ti.com
SLUSC62A – JUNE 2015 – REVISED MARCH 2016
Product Folder Links: bq29209-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.5 Cell Balance Configuration
The cell balancing current may be calculated as follows:
For Cell 1 (VC1–GND) balancing current, ICB1:
(1)
For Cell 2 (VC2–VC1) balancing current, ICB2:
(2)
Where:
RCB = resistor connected between the top of Cell 1 and the VC1_CB
RCB1 = resistor connected between the top of Cell 1 and the VC1
RCB2 = resistor connected between the top of Cell 2 and the VC2
RVD = resistor connected between the top of Cell 2 and the VDD
8.3.6 Cell Imbalance Auto-Detection (Via Cell Voltage)
The VMM_DET_ON and VMM_DET_OFF specifications are calibrated where VDD = VC2 = 7.6 V and VC1 = 3.8 V. The
recommended range of cell balancing is VC2 and VDD between 6.0 V and 8.4 V, and VC1 between 3 V and 4.2
V. Below VDD = 6 V, it is recommended to pull CB_EN high to disable the cell balancing function.
Figure 5. VMM_DET_ON and VMM_DET_OFF Threshold
8.3.7 Customer Test Mode
Customer Test Mode (CTM) helps to greatly reduce the overvoltage detection delay time and enable quicker
customer production testing. This mode is intended for quick-pass board-level verification tests, and, as such,
individual cell overvoltage levels may deviate slightly from the specifications (VPROTECT, VOA). If accurate
overvoltage thresholds are to be tested, use the standard delay settings that are intended for normal use.
To enter CTM, VDD should be set to approximately 9.5 V higher than VC2. When CTM is entered, the device
switches from the normal overvoltage delay time scale factor, XDELAY, to a significantly reduced factor of
approximately 0.08, thereby reducing the delay time during an overvoltage condition.


Similar Part No. - BQ29209-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29209 TI1-BQ29209 Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
BQ29209DRBR TI-BQ29209DRBR Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29209DRBR TI1-BQ29209DRBR Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
BQ29209DRBT TI-BQ29209DRBT Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29209DRBT TI1-BQ29209DRBT Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
More results

Similar Description - BQ29209-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200 TI1-BQ29200_16 Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209B UTC-UB209B Datasheet
250Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com