Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29209-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ29209-Q1
Description  Voltage Protection with Automatic Cell Balance
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29209-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ29209-Q1 Datasheet HTML 3Page - Texas Instruments BQ29209-Q1 Datasheet HTML 4Page - Texas Instruments BQ29209-Q1 Datasheet HTML 5Page - Texas Instruments BQ29209-Q1 Datasheet HTML 6Page - Texas Instruments BQ29209-Q1 Datasheet HTML 7Page - Texas Instruments BQ29209-Q1 Datasheet HTML 8Page - Texas Instruments BQ29209-Q1 Datasheet HTML 9Page - Texas Instruments BQ29209-Q1 Datasheet HTML 10Page - Texas Instruments BQ29209-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
CD
DELAY
d
t
C
X
´
=
d
CD
DELAY
t
C
X
=
5-V LDO
and POR
CD
OUT
VDD
GND
VC1
VC2
ICD =
150 nA
0.1 µF
CB_EN
+
Hys.
CB
Logic
CTRL
VC1_CB
CB2_EN
CB1 _EN
+
7
bq29209-Q1
www.ti.com
SLUSC62A – JUNE 2015 – REVISED MARCH 2016
Product Folder Links: bq29209-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The bq29209-Q1 provides overvoltage protection and cell balancing for 2-series cell lithium-ion battery packs.
8.1.1 Voltage Protection
Each cell voltage is continuously compared to a factory configured internal reference threshold. If either cell
reaches an overvoltage condition, the bq29209-Q1 device starts a timer that provides a delay proportional to the
capacitance on the CD pin. Upon expiration of the internal timer, the OUT pin changes from a low to high state.
8.1.2 Cell Balancing
If enabled, the bq29209-Q1 performs automatic cell-balance correction where the two cells are automatically
corrected for voltage imbalance by loading the cell with the higher voltage with a small balancing current. When
the cells are measured to be equal within nominally 0 mV, the load current is removed. It will be re-applied if the
imbalance exceeds nominally 30 mV. The cell mismatch correction circuitry is enabled by pulling the CB_EN pin
low, and disabled when CB_EN is pulled to greater than 2.2 V, for example, VDD.
If the internal cell balancing current of up to 15 mA is insufficient, the bq29209-Q1 may be configured via external
circuitry to support much higher external cell balancing current.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Protection (OUT) Timing
Sizing the external capacitor is based on the desired delay time as follows:
Where td is the desired delay time and XDELAY is the overvoltage delay time scale factor, expressed in seconds
per microFarad. XDELAY is nominally 9 s/µF. For example, if a nominal delay of 3 seconds is desired, use a CCD
capacitor that is 3 s / 9 s/µF = 0.33 µF.
The delay time is calculated as follows:


Similar Part No. - BQ29209-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29209 TI1-BQ29209 Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
BQ29209DRBR TI-BQ29209DRBR Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29209DRBR TI1-BQ29209DRBR Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
BQ29209DRBT TI-BQ29209DRBT Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29209DRBT TI1-BQ29209DRBT Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
More results

Similar Description - BQ29209-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200 TI1-BQ29200_16 Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209B UTC-UB209B Datasheet
250Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com