Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29200 Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ29200
Description   Voltage Protection with Automatic Cell Balance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29200 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ29200_16 Datasheet HTML 10Page - Texas Instruments BQ29200_16 Datasheet HTML 11Page - Texas Instruments BQ29200_16 Datasheet HTML 12Page - Texas Instruments BQ29200_16 Datasheet HTML 13Page - Texas Instruments BQ29200_16 Datasheet HTML 14Page - Texas Instruments BQ29200_16 Datasheet HTML 15Page - Texas Instruments BQ29200_16 Datasheet HTML 16Page - Texas Instruments BQ29200_16 Datasheet HTML 17Page - Texas Instruments BQ29200_16 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
V
CELL
CB _EXT
I
bal
R
=
CELL2
1
2
OUT 8
VDD
7
CELL1
3
6
Q1
4 CD
GND
5
Q2
_
CB EN
PWR PAD
VC1_CB
VC1
VC2
RVD
RCB_EXT
CCD
CIN
CIN
CVD
PACK+
PACK±
RCLAMP
RIN
RIN
±6
±5
±4
±3
±2
±1
0
1
2
-40
0
25
60
110
Operating Temperature (
ƒC)
VC1 V(PROTECT)
VC2 V(PROTECT)
C001
14
bq29200, bq29209
SLUSA52C – SEPTEMBER 2010 – REVISED MARCH 2016
www.ti.com
Product Folder Links: bq29200 bq29209
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
9.2.1.3 Application Curve
Figure 10. Average VPROTECT Accuracy (VOA) Across Operation Temperature
9.3 System Example
9.3.1 External Cell Balancing
Higher cell balancing currents can be supported by means of a simple external network, as shown in Figure 11.
Figure 11. External Cell Balancing Configuration
RCLAMP ensures that both Q1 and Q2 remain off when balancing is disabled, and should be sized above 2 kΩ to
prevent excessive internal device current when the balancing network is activated. RCB_EXT determines the value
of the balancing current, and is dependent on the voltage of the balanced cell, as follows:
10 Power Supply Recommendations
The recommended power supply for this device is a maximum 10-V operation on the VDD input pin.


Similar Part No. - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200DRBR TI-BQ29200DRBR Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29200DRBT TI-BQ29200DRBT Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
More results

Similar Description - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29209-Q1 TI1-BQ29209-Q1 Datasheet
897Kb / 23P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com