Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29200 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ29200
Description   Voltage Protection with Automatic Cell Balance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29200 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ29200_16 Datasheet HTML 7Page - Texas Instruments BQ29200_16 Datasheet HTML 8Page - Texas Instruments BQ29200_16 Datasheet HTML 9Page - Texas Instruments BQ29200_16 Datasheet HTML 10Page - Texas Instruments BQ29200_16 Datasheet HTML 11Page - Texas Instruments BQ29200_16 Datasheet HTML 12Page - Texas Instruments BQ29200_16 Datasheet HTML 13Page - Texas Instruments BQ29200_16 Datasheet HTML 14Page - Texas Instruments BQ29200_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
IIN
Icc
OUT
VDD
CB_EN
GND
1
2
4
3
CD
VC2
VC1
VC1_CB
8
7
5
6
IIN
______
Test Mode Entered
15 V
> 10 ms
VDD
VC2
4 V
4.5 V
VPROTECT
V
V
PROTECT – HYST
< < t d
(VC2–VC1)
or
(VC1–GND)
OUT
11
bq29200, bq29209
www.ti.com
SLUSA52C – SEPTEMBER 2010 – REVISED MARCH 2016
Product Folder Links: bq29200 bq29209
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
CAUTION
Avoid exceeding any Absolute Maximum Voltages on any pins when placing the part
into CTM. Also, avoid exceeding absolute maximum voltages for the individual cell
voltages (VC1–GND) and (VC2–VC1). Stressing the pins beyond the rated limits may
cause permanent damage to the device.
To exit CTM, power off the device and then power it back on.
Figure 6. Voltage Test Limits
8.3.8 Test Conditions
Figure 7. ICC, IIN Measurement


Similar Part No. - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200DRBR TI-BQ29200DRBR Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29200DRBT TI-BQ29200DRBT Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
More results

Similar Description - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29209-Q1 TI1-BQ29209-Q1 Datasheet
897Kb / 23P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com