Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29200 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ29200
Description   Voltage Protection with Automatic Cell Balance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29200 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ29200_16 Datasheet HTML 6Page - Texas Instruments BQ29200_16 Datasheet HTML 7Page - Texas Instruments BQ29200_16 Datasheet HTML 8Page - Texas Instruments BQ29200_16 Datasheet HTML 9Page - Texas Instruments BQ29200_16 Datasheet HTML 10Page - Texas Instruments BQ29200_16 Datasheet HTML 11Page - Texas Instruments BQ29200_16 Datasheet HTML 12Page - Texas Instruments BQ29200_16 Datasheet HTML 13Page - Texas Instruments BQ29200_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VC2
7.6 V
6 V
100%
79%
8.4 V
111%
(VC2
VC1)
CB2
+
)+
VD
CB
CB2
I
(R
R
R
-
=
VC1
CB1
R
CB
CB1
I
R
=
+
10
bq29200, bq29209
SLUSA52C – SEPTEMBER 2010 – REVISED MARCH 2016
www.ti.com
Product Folder Links: bq29200 bq29209
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.5 Cell Balance Configuration
The cell balancing current may be calculated as follows:
For Cell 1 (VC1–GND) balancing current, ICB1:
(1)
For Cell 2 (VC2–VC1) balancing current, ICB2:
(2)
Where:
RCB = resistor connected between the top of Cell 1 and the VC1_CB
RCB1 = resistor connected between the top of Cell 1 and the VC1
RCB2 = resistor connected between the top of Cell 2 and the VC2
RVD = resistor connected between the top of Cell 2 and the VDD
8.3.6 Cell Imbalance Auto-Detection (Via Cell Voltage)
The VMM_DET_ON and VMM_DET_OFF specifications are calibrated where VDD = VC2 = 7.6 V and VC1 = 3.8 V. The
recommended range of cell balancing is VC2 and VDD between 6.0 V and 8.4 V, and VC1 between 3 V and 4.2
V. Below VDD = 6 V, it is recommended to pull CB_EN high to disable the cell balancing function.
Figure 5. VMM_DET_ON and VMM_DET_OFF Threshold
8.3.7 Customer Test Mode
Customer Test Mode (CTM) helps to greatly reduce the overvoltage detection delay time and enable quicker
customer production testing. This mode is intended for quick-pass board-level verification tests, and, as such,
individual cell overvoltage levels may deviate slightly from the specifications (VPROTECT, VOA). If accurate
overvoltage thresholds are to be tested, use the standard delay settings that are intended for normal use.
To enter CTM, VDD should be set to approximately 9.5 V higher than VC2. When CTM is entered, the device
switches from the normal overvoltage delay time scale factor, XDELAY, to a significantly reduced factor of
approximately 0.08, thereby reducing the delay time during an overvoltage condition.


Similar Part No. - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200DRBR TI-BQ29200DRBR Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29200DRBT TI-BQ29200DRBT Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
More results

Similar Description - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29209-Q1 TI1-BQ29209-Q1 Datasheet
897Kb / 23P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com