Electronic Components Datasheet Search |
|
BQ29200 Datasheet(PDF) 8 Page - Texas Instruments |
|
BQ29200 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 24 page CD DELAY d t C X ´ = d CD DELAY t C X = 5-V LDO and POR CD OUT VDD GND VC1 VC2 ICD = 150 nA 0.1 µF CB_EN + – Hys. CB Logic CTRL VC1_CB CB2_EN CB1 _EN + – 8 bq29200, bq29209 SLUSA52C – SEPTEMBER 2010 – REVISED MARCH 2016 www.ti.com Product Folder Links: bq29200 bq29209 Submit Documentation Feedback Copyright © 2010–2016, Texas Instruments Incorporated 8 Detailed Description 8.1 Overview The bq2920x provides overvoltage protection and cell balancing for 2-series cell lithium-ion battery packs. 8.1.1 Voltage Protection Each cell voltage is continuously compared to a factory configured internal reference threshold. If either cell reaches an overvoltage condition, the bq2920x device starts a timer that provides a delay proportional to the capacitance on the CD pin. Upon expiration of the internal timer, the OUT pin changes from a low to high state. 8.1.2 Cell Balancing If enabled, the bq2920x performs automatic cell-balance correction where the two cells are automatically corrected for voltage imbalance by loading the cell with the higher voltage with a small balancing current. When the cells are measured to be equal within nominally 0 mV, the load current is removed. It will be re-applied if the imbalance exceeds nominally 30 mV. The cell mismatch correction circuitry is enabled by pulling the CB_EN pin low, and disabled when CB_EN is pulled to greater than 2.2 V, for example, VDD. If the internal cell balancing current of up to 15 mA is insufficient, the bq2920x may be configured via external circuitry to support much higher external cell balancing current. 8.2 Functional Block Diagram 8.3 Feature Description 8.3.1 Protection (OUT) Timing Sizing the external capacitor is based on the desired delay time as follows: Where td is the desired delay time and XDELAY is the overvoltage delay time scale factor, expressed in seconds per microFarad. XDELAY is nominally 9 s/µF. For example, if a nominal delay of 3 seconds is desired, use a CCD capacitor that is 3 s / 9 s/µF = 0.33 µF. The delay time is calculated as follows: |
Similar Part No. - BQ29200_16 |
|
Similar Description - BQ29200_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |