Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29200 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ29200
Description   Voltage Protection with Automatic Cell Balance
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ29200_16 Datasheet HTML 3Page - Texas Instruments BQ29200_16 Datasheet HTML 4Page - Texas Instruments BQ29200_16 Datasheet HTML 5Page - Texas Instruments BQ29200_16 Datasheet HTML 6Page - Texas Instruments BQ29200_16 Datasheet HTML 7Page - Texas Instruments BQ29200_16 Datasheet HTML 8Page - Texas Instruments BQ29200_16 Datasheet HTML 9Page - Texas Instruments BQ29200_16 Datasheet HTML 10Page - Texas Instruments BQ29200_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
-40
0
25
60
110
Operating Temperature (
ƒC)
C002
Temperature (qC)
-40
-20
0
20
40
60
80
100
-180
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
D001
Temperature (qC)
-40
-20
0
20
40
60
80
100
40
45
50
55
60
65
70
75
80
D002
7
bq29200, bq29209
www.ti.com
SLUSA52C – SEPTEMBER 2010 – REVISED MARCH 2016
Product Folder Links: bq29200 bq29209
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
7.6 Recommended Cell Balancing Configurations
Typical values stated where TA = 25°C and (VC2–VC1), (VC1–GND) = 3.8 V. Minimum and maximum values stated where
TA = –40°C to 110°C, VDD = 4 V to 10 V, and (VC2–VC1), (VC1–GND) = 3 V to 4.2 V. All values assume recommended
supply voltage filter resistance RVD of 100 Ω and 5% accurate or better cell balance resistor RCB.
MIN NOM
MAX
UNIT
ICB
Cell balance input current
RCB = 4700 Ω
0.5
0.75
1
mA
RCB = 2200 Ω
1
1.5
2
RCB = 910 Ω
2
3
4
RCB = 560 Ω
3
4.5
6
RCB = 360 Ω
3.5
6
8.5
RCB = 240 Ω
4
7.5
11
RCB = 120 Ω
5
10
15
7.7 Typical Characteristics
Figure 1. ICD Charge Current
Figure 2. ICD Discharge Current
Figure 3. Average ICC During Normal Operation Across Operational Temperature


Similar Part No. - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200DRBR TI-BQ29200DRBR Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29200DRBR TI2-BQ29200DRBR Datasheet
773Kb / 25P
bq2920x Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
REVISED MARCH 2016
BQ29200DRBR TI2-BQ29200DRBR Datasheet
773Kb / 25P
bq2920x Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
REVISED MARCH 2016
BQ29200DRBR.A TI2-BQ29200DRBR.A Datasheet
773Kb / 25P
bq2920x Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
REVISED MARCH 2016
BQ29200DRBR.A TI2-BQ29200DRBR.A Datasheet
773Kb / 25P
bq2920x Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
REVISED MARCH 2016
More results

Similar Description - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Texas Instruments
BQ29209-Q1 TI1-BQ29209-Q1 Datasheet
897Kb / 23P
Voltage Protection with Automatic Cell Balance
logo
Unisonic Technologies
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com