Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ29200 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ29200
Description   Voltage Protection with Automatic Cell Balance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ29200 Datasheet(HTML) 5 Page - Texas Instruments

  BQ29200_16 Datasheet HTML 1Page - Texas Instruments BQ29200_16 Datasheet HTML 2Page - Texas Instruments BQ29200_16 Datasheet HTML 3Page - Texas Instruments BQ29200_16 Datasheet HTML 4Page - Texas Instruments BQ29200_16 Datasheet HTML 5Page - Texas Instruments BQ29200_16 Datasheet HTML 6Page - Texas Instruments BQ29200_16 Datasheet HTML 7Page - Texas Instruments BQ29200_16 Datasheet HTML 8Page - Texas Instruments BQ29200_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
bq29200, bq29209
www.ti.com
SLUSA52C – SEPTEMBER 2010 – REVISED MARCH 2016
Product Folder Links: bq29200 bq29209
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250-V CDM is possible with the necessary precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
4
10
V
Input voltage range
VC2–VC1, VC1–GND
0
5
V
Delay time capacitance, td(CD)
CCD (See Figure 9.)
0.1
µF
Voltage monitor filter resistance
RIN (See Figure 9.)
100
1K
Ω
Voltage monitor filter capacitance
CIN (See Figure 9.)
0.01
0.1
µF
Supply voltage filter resistance
RVD (See Figure 9.)
100
1K
Ω
Supply voltage filter capacitance
CVD (See Figure 9.)
0.1
µF
Cell balance resistance
RCB (See Figure 9 and Protection (OUT) Timing.)
100
4.7K
Ω
Operating ambient temperature range, TA
–40
110
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
bq2920x
UNIT
DRB
8 PINS
RθJA
Junction-to-ambient thermal resistance
50.5
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
25.1
°C/W
RθJB
Junction-to-board thermal resistance
19.3
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
18.9
°C/W
RθJC(bot)
Junction-to-case(bottom) thermal resistance
5.2
°C/W
7.5 Electrical Characteristics
Typical values stated where TA = 25°C and VDD = 7.2 V. Minimum and maximum values stated where TA = –40°C to 110°C
and VDD = 4 V to 10 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
VPROTECT
Overvoltage
detection
voltage
bq29209
4.3
V
bq29200
4.35
VHYS
Overvoltage detection
hysteresis
200
300
400
mV
VOA
Overvoltage detection
accuracy
TA = 25°C
–10
10
mV
VOA_DRIFT
Overvoltage threshold
temperature drift
TA = 0°C to 60°C
–0.4
0.4
mV°/C
TA = –40°C to 110°C
–0.6
0.6
XDELAY
Overvoltage delay time
scale factor
TA = 0°C to 60°C
Note: Does not include external capacitor variation.
6
9
12
s/µF
TA = –40°C to 110°C
Note: Does not include external capacitor variation.
5.5
9
13.5


Similar Part No. - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200DRBR TI-BQ29200DRBR Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29200DRBT TI-BQ29200DRBT Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
More results

Similar Description - BQ29200_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29209-Q1 TI1-BQ29209-Q1 Datasheet
897Kb / 23P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
[Old version datasheet]   Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com