Electronic Components Datasheet Search |
|
BQ29200 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
BQ29200 Datasheet(HTML) 4 Page - Texas Instruments |
4 / 24 page 1 2 3 4 5 6 7 8 OUT VDD CD VC1 VC2 VC1_CB GND PWR PAD CB_EN 4 bq29200, bq29209 SLUSA52C – SEPTEMBER 2010 – REVISED MARCH 2016 www.ti.com Product Folder Links: bq29200 bq29209 Submit Documentation Feedback Copyright © 2010–2016, Texas Instruments Incorporated 5 Device Options TA PART NUMBER OVP –40°C to +110°C BQ29200 4.35 V BQ29209 4.30 V 6 Pin Configuration and Functions DRB Package 8-Pin VSON Top View Pin Functions PIN DESCRIPTION NAME NO. CB_EN 6 Cell balance enable CD 4 Connection to external capacitor for programmable delay time GND 5 Ground pin OUT 8 Output Thermal Pad PWR PAD GND pin to be connected to the PWRPAD on the printed circuit board for proper operation VC1 2 Sense voltage input for bottom cell VC1_CB 3 Cell balance input for bottom cell VC2 1 Sense voltage input for top cell VDD 7 Power supply (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 7 Specifications 7.1 Absolute Maximum Ratings Over-operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Supply voltage range, VMAX VDD–GND –0.3 16 V Input voltage range, VIN VC2–GND, VC1–GND –0.3 16 V VC2–VC1, CD–GND –0.3 8 V CB_EN–GND –0.3 16 V Output voltage range, VOUT OUT–GND –0.3 16 V Continuous total power dissipation, PTOT See Thermal Information. Storage temperature range, Tstg –65 150 °C |
Similar Part No. - BQ29200_16 |
|
Similar Description - BQ29200_16 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |