Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27320 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27320
Description  Single-Cell CEDV Fuel Gauge
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27320 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ27320 Datasheet HTML 7Page - Texas Instruments BQ27320 Datasheet HTML 8Page - Texas Instruments BQ27320 Datasheet HTML 9Page - Texas Instruments BQ27320 Datasheet HTML 10Page - Texas Instruments BQ27320 Datasheet HTML 11Page - Texas Instruments BQ27320 Datasheet HTML 12Page - Texas Instruments BQ27320 Datasheet HTML 13Page - Texas Instruments BQ27320 Datasheet HTML 14Page - Texas Instruments BQ27320 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
bq27320
www.ti.com
SLUSCG9A – FEBRUARY 2016 – REVISED MARCH 2016
Product Folder Links: bq27320
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Feature Description (continued)
Information is accessed through a series of commands, called Standard Commands. Further capabilities are
provided by the additional Manufacturer Access Control subcommand set. Both sets of commands, indicated by
the general format Command(), are used to read and write information contained within the device control and
status registers, as well as its data flash locations. Commands are sent from system to gauge using the bq27320
device’s I2C serial communications engine, and can be executed during application development, system
manufacture, or end-equipment operation.
Cell information is stored in the device in non-volatile flash memory. Many of these data flash locations are
accessible during application development. They cannot, generally, be accessed directly during end-equipment
operation. Access to these locations is achieved by either use of the bq27320 device’s companion evaluation
software, through individual commands, or through a sequence of data-flash-access commands. To access a
desired data flash location, the correct data flash address must be known.
The key to the bq27320 device’s high-accuracy gas gauging prediction is Texas Instruments CEDV algorithm.
This algorithm uses cell measurements, characteristics, and properties to create state-of-charge predictions
across a wide variety of operating conditions and over the lifetime of the battery.
The device measures charge and discharge activity by monitoring the voltage across a small-value series sense
resistor (5 m
Ω to 20 mΩ typical) located between the system’s VSS and the battery’s PACK– pin. When a cell is
attached to the device, FCC is learned based on cell current and on cell voltage under-loading conditions when
the EDV2 threshold is reached.
The device external temperature sensing is optimized with the use of a high accuracy negative temperature
coefficient (NTC) thermistor with R25 = 10.0 k
Ω ±1%. B25/85 = 3435K ± 1% (such as Semitec NTC 103AT).
Alternatively, the bq27320 can also be configured to use its internal temperature sensor or receive temperature
data from the host processor. When an external thermistor is used, a 18.2-k
Ω pull-up resistor between BI/TOUT
and TS pins is also required. The bq27320 uses temperature to monitor the battery-pack environment, which is
used for fuel gauging and cell protection functionality.
To minimize power consumption, the device has different power modes: NORMAL, SNOOZE, SLEEP,
HIBERNATE, and BAT INSERT CHECK. The bq27320 passes automatically between these modes, depending
upon the occurrence of specific events, though a system processor can initiate some of these modes directly.
For complete operational details, refer to the bq27320 Technical Reference Manual (SLUUBE6).
NOTE
Formatting Conventions in this Document:
Commands:
italics
with
parentheses()
and
no
breaking
spaces;
for
example,
RemainingCapacity()
Data Flash: italics, bold, and breaking spaces; for example, Design Capacity
Register bits and flags: italics with brackets [ ]; for example, [TDA]
Data flash bits: italics, bold, and brackets [ ]; for example, [LED1]
Modes and states: ALL CAPITALS, for example; UNSEALED mode
8.3.1 Data Commands
8.3.1.1 Standard Data Commands
The bq27320 uses a series of 2-byte standard commands to enable system reading and writing of battery
information. Each standard command has an associated command-code pair, as indicated in Table 1 (see the
bq27320 Technical Reference Manual [SLUUBE6]). Because each command consists of two bytes of data, two
consecutive I2C transmissions must be executed both to initiate the command function, and to read or write the
corresponding two bytes of data.


Similar Part No. - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PW TI-BQ27350PW Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWG4 TI-BQ27350PWG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWR TI-BQ27350PWR Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWRG4 TI-BQ27350PWRG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
More results

Similar Description - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
[Old version datasheet]   Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
[Old version datasheet]   bq27000 Single Cell Battery Fuel Gauge Evaluation Module
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Maxim Integrated Produc...
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Texas Instruments
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com