Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27320 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27320
Description  Single-Cell CEDV Fuel Gauge
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27320 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ27320 Datasheet HTML 6Page - Texas Instruments BQ27320 Datasheet HTML 7Page - Texas Instruments BQ27320 Datasheet HTML 8Page - Texas Instruments BQ27320 Datasheet HTML 9Page - Texas Instruments BQ27320 Datasheet HTML 10Page - Texas Instruments BQ27320 Datasheet HTML 11Page - Texas Instruments BQ27320 Datasheet HTML 12Page - Texas Instruments BQ27320 Datasheet HTML 13Page - Texas Instruments BQ27320 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
REGIN
BAT
VCC
TS
SRN
SRP
SOCINT
SDA
VSS
SCL
BAT _LOW
MUX
4R
Data
FLASH
LDO
Data
SRAM
CC
ADC
2.5 V
R
Internal
Temp
Sensor
Wake
Comparator
Instruction
FLASH
Instruction
ROM
I
2C Slave
Engine
CPU
22
22
8
8
HFO
LFO
GP Timer
and
PWM
I/O
Controller
Wake
and
Watchdog
Timer
HFO
HFO/128
HFO/128
HFO/4
POR
BAT _GD
BI/TOUT
CE
SDQ
10
bq27320
SLUSCG9A – FEBRUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: bq27320
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.2 Functional Block Diagram
8.3 Feature Description
The bq27320 accurately predicts the battery capacity and other operational characteristics of a single Li-based
rechargeable cell. It can be interrogated by a system processor to provide cell information, such as time-to-empty
(TTE) and state-of-charge (SOC) as well as SOC interrupt signal to the host.


Similar Part No. - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27320 TI2-BQ27320 Datasheet
638Kb / 33P
bq27320 Single-Cell CEDV Fuel Gauge
REVISED MARCH 2016
BQ27320YZFR TI2-BQ27320YZFR Datasheet
638Kb / 33P
bq27320 Single-Cell CEDV Fuel Gauge
REVISED MARCH 2016
BQ27320YZFR.A TI2-BQ27320YZFR.A Datasheet
638Kb / 33P
bq27320 Single-Cell CEDV Fuel Gauge
REVISED MARCH 2016
BQ27320YZFR.B TI2-BQ27320YZFR.B Datasheet
638Kb / 33P
bq27320 Single-Cell CEDV Fuel Gauge
REVISED MARCH 2016
BQ27320YZFT TI2-BQ27320YZFT Datasheet
638Kb / 33P
bq27320 Single-Cell CEDV Fuel Gauge
REVISED MARCH 2016
More results

Similar Description - BQ27320

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
bq27000 Single Cell Battery Fuel Gauge Evaluation Module
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
Single-Cell CEDV Fuel Gauge
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
1-Cell Fuel Gauge with ModelGauge m3
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com