Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27320 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27320
Description  Single-Cell CEDV Fuel Gauge
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27320 Datasheet(HTML) 1 Page - Texas Instruments

  BQ27320 Datasheet HTML 1Page - Texas Instruments BQ27320 Datasheet HTML 2Page - Texas Instruments BQ27320 Datasheet HTML 3Page - Texas Instruments BQ27320 Datasheet HTML 4Page - Texas Instruments BQ27320 Datasheet HTML 5Page - Texas Instruments BQ27320 Datasheet HTML 6Page - Texas Instruments BQ27320 Datasheet HTML 7Page - Texas Instruments BQ27320 Datasheet HTML 8Page - Texas Instruments BQ27320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Host System
Single Cell Li-lon
Battery Pack
PACK-
PROTECTION
IC
CHG
DSG
Temp
Sense
SOC_INT
Current
Sense
T
PACK+
Voltage
Sense
FETs
Power
Management
Controller
VCC
DATA
LDO
I2C
SDQ
CE
BAT_GD
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq27320
SLUSCG9A – FEBRUARY 2016 – REVISED MARCH 2016
bq27320 Single-Cell CEDV Fuel Gauge
1
1 Features
1
Battery Fuel Gauge For System-/Pack-Side
Configuration
Compensated End-of-Discharge Voltage (CEDV)
Gauging Technology
Adjusts for Battery Aging, Self-Discharge,
Temperature, and Rate Changes
Reports Remaining Capacity, State-of-Charge
(SOC), and Time-to-Empty with Smoothing
Filter
Battery State-of-Health Estimation
Supports Embedded or Removable Packs
from 100-mAhr to 14,500-mAhr Capacity
Accommodates Pack Swapping with up to
Four Separate Battery Profiles
Supports a Raw Coulomb Counter To Provide
Delta Capacity Information
Microcontroller Peripheral Supports:
SDQ Communication Interface for
Authentication ID
400-kHz I2C™ Serial Interface for High-Speed
Communication
32 Bytes of Scratch-Pad FLASH NVM
Battery Low Digital Output Warning
Configurable SOC Interrupts
External Thermistor, Internal Sensor, or Host
Reported Temperature Options
15-Pin 1.375 mm x 2.75 mm x 1.75 mm Pitch
NanoFree™ (DSBGA) Package
2
Applications
Smartphones, Feature Phones, and Tablets
Wearables
Building Automation
Portable Medical/Industrial Handsets
Portable Audio
Gaming
3
Description
The Texas Instruments single-cell bq27320 battery
fuel gauge requires very minimal configuration and
system microcontroller firmware development, leading
to quick system bring-up. The bq27320 uses the
Compensated End-of-Discharge Voltage (CEDV) gas
gauging algorithm for fuel gauging, and provides
information
such
as
remaining
battery
capacity
(mAh), state-of-charge (%), runtime-to-empty (min),
battery voltage (mV), temperature (°C) and state-of-
health (%).
TI customers can tune chemistry parameters using
TI's web-based tool, GAUGEPARCAL.
Configurable interrupts help save system power and
free up the host from continuous polling. Accurate
temperature sensing is supported via an external
thermistor.
Battery fuel gauging with the bq27320 requires only
PACK+ (P+), PACK– (P–), and optional thermistor (T)
connections
to
a
removable
battery
pack
or
embedded battery circuit. The device uses a 15-ball
NanoFree™ (DSBGA) package. It is ideal for space-
constrained applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq27320
YZF (15)
1.375 mm x 2.75 mm
x 1.75 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PW TI-BQ27350PW Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWG4 TI-BQ27350PWG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWR TI-BQ27350PWR Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWRG4 TI-BQ27350PWRG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
More results

Similar Description - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
[Old version datasheet]   Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
[Old version datasheet]   bq27000 Single Cell Battery Fuel Gauge Evaluation Module
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Maxim Integrated Produc...
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Texas Instruments
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com