Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27320 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27320
Description  Single-Cell CEDV Fuel Gauge
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27320 Datasheet(HTML) 4 Page - Texas Instruments

  BQ27320 Datasheet HTML 1Page - Texas Instruments BQ27320 Datasheet HTML 2Page - Texas Instruments BQ27320 Datasheet HTML 3Page - Texas Instruments BQ27320 Datasheet HTML 4Page - Texas Instruments BQ27320 Datasheet HTML 5Page - Texas Instruments BQ27320 Datasheet HTML 6Page - Texas Instruments BQ27320 Datasheet HTML 7Page - Texas Instruments BQ27320 Datasheet HTML 8Page - Texas Instruments BQ27320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
bq27320
SLUSCG9A – FEBRUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: bq27320
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Condition not to exceed 100 hours at 25°C lifetime.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VREGIN
Regulator input range
–0.3
5.5
V
–0.3
6.0 (2)
V
VCE
CE input pin
–0.3
VREGIN + 0.3
V
VCC
Supply voltage range
–0.3
2.75
V
VIOD
Open-drain I/O pins (SDA, SCL, SOC_INT)
–0.3
5.5
V
VBAT
BAT input pin
–0.3
5.5
V
–0.3
6.0 (2)
V
VI
Input voltage range to all other pins
(BI/TOUT, TS, SRP, SRN, SDQ, BAT_GD)
–0.3
VCC + 0.3
V
TA
Operating free-air temperature range
–40
85
°C
TFUNC
Functional Temperature
–40
110
°C
TSTG
Storage temperature range
–65
150
°C
(1)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic Discharge
Human body model (HBM) ESD stress voltage(1), BAT pin
1500
V
Human-body model (HBM), all other pins
2000
Charged-device model (CDM) ESD stress voltage(1)
500
V
7.3 Recommended Operating Conditions
TA = -40°C to 85°C, VREGIN = VBAT = 3.6 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
VREGIN
Supply voltage
No operating restrictions
2.8
4.5
V
No FLASH writes
2.45
2.8
CREGIN
External input capacitor for internal
LDO between REGIN and VSS
Nominal capacitor values specified.
Recommend a 5% ceramic X5R type
capacitor located close to the device.
0.1
μF
CLDO25
External output capacitor for internal
LDO between VCC and VSS
0.47
1
μF
tPUCD
Power-up communication delay
250
ms
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953
7.4 Thermal Information
THERMAL METRIC(1)
bq27320
UNIT
YZF (DSBGA)
15 PINS
RθJA
Junction-to-ambient thermal resistance
70
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
17
°C/W
RθJB
Junction-to-board thermal resistance
20
°C/W
ψJT
Junction-to-top characterization parameter
1
°C/W
ψJB
Junction-to-board characterization parameter
18
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
n/a
°C/W


Similar Part No. - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PW TI-BQ27350PW Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWG4 TI-BQ27350PWG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWR TI-BQ27350PWR Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWRG4 TI-BQ27350PWRG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
More results

Similar Description - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
[Old version datasheet]   Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
[Old version datasheet]   bq27000 Single Cell Battery Fuel Gauge Evaluation Module
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Maxim Integrated Produc...
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Texas Instruments
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com