Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27320 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27320
Description  Single-Cell CEDV Fuel Gauge
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27320 Datasheet(HTML) 20 Page - Texas Instruments

Back Button BQ27320 Datasheet HTML 16Page - Texas Instruments BQ27320 Datasheet HTML 17Page - Texas Instruments BQ27320 Datasheet HTML 18Page - Texas Instruments BQ27320 Datasheet HTML 19Page - Texas Instruments BQ27320 Datasheet HTML 20Page - Texas Instruments BQ27320 Datasheet HTML 21Page - Texas Instruments BQ27320 Datasheet HTML 22Page - Texas Instruments BQ27320 Datasheet HTML 23Page - Texas Instruments BQ27320 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
bq27320
SLUSCG9A – FEBRUARY 2016 – REVISED MARCH 2016
www.ti.com
Product Folder Links: bq27320
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9.2.1 Design Requirements
Several key parameters must be updated to align with a given application's battery characteristics. For highest
accuracy gauging, it is important to follow-up this initial configuration with a learning cycle to optimize resistance
and maximum chemical capacity (Qmax) values prior to sealing and shipping systems to the field. Successful
and accurate configuration of the fuel gauge for a target application can be used as the basis for creating a
"golden" gas gauge (.fs) file that can be written to all gauges, assuming identical pack design and Li-ion cell
origin (chemistry, lot, and so on). Calibration data is included as part of this golden GG file to cut down on
system production time. If going this route, it is recommended to average the voltage and current measurement
calibration data from a large sample size and use these in the golden file. Table 3, Key Data Flash Parameters
for Configuration, shows the items that should be configured to achieve reliable protection and accurate gauging
with minimal initial configuration.
Table 3. Key Data Flash Parameters for Configuration
NAME
DEFAULT
UNIT
RECOMMENDED SETTING
Design Capacity
1000
mAh
Set based on the nominal pack capacity as interpreted from cell manufacturer's
datasheet. If multiple parallel cells are used, should be set to N × Cell Capacity.
Design Energy Scale
1
Set to 10 to convert all power values to cWh or to 1 for mWh. Design Energy
is divided by this value.
Reserve Capacity-mAh
0
mAh
Set to desired runtime remaining (in seconds / 3600) × typical applied load
between reporting 0% SOC and reaching Terminate Voltage, if needed.
Chem ID
0100
hex
Should be configured using TI-supplied Battery Management Studio software.
Default open-circuit voltage and resistance tables are also updated in
conjunction with this step. Do not attempt to manually update reported Device
Chemistry as this does not change all chemistry information! Always update
chemistry using the appropriate software tool (that is, bqStudio).
Load Mode
1
Set to applicable load model, 0 for constant current or 1 for constant power.
Load Select
1
Set to load profile which most closely matches typical system load.
Qmax Cell 0
1000
mAh
Set to initial configured value for Design Capacity. The gauge will update this
parameter automatically after the optimization cycle and for every regular
Qmax update thereafter.
Cell0 V at Chg Term
4200
mV
Set to nominal cell voltage for a fully charged cell. The gauge will update this
parameter automatically each time full charge termination is detected.
Terminate Voltage
3200
mV
Set to empty point reference of battery based on system needs. Typical is
between 3000 and 3200 mV.
Ra Max Delta
44
m
Ω
Set to 15% of Cell0 R_a 4 resistance after an optimization cycle is completed.
Charging Voltage
4200
mV
Set based on nominal charge voltage for the battery in normal conditions
(25°C, etc). Used as the reference point for offsetting by Taper Voltage for full
charge termination detection.
Taper Current
100
mA
Set to the nominal taper current of the charger + taper current tolerance to
ensure that the gauge will reliably detect charge termination.
Taper Voltage
100
mV
Sets the voltage window for qualifying full charge termination. Can be set
tighter to avoid or wider to ensure possibility of reporting 100% SOC in outer
JEITA temperature ranges that use derated charging voltage.
Dsg Current Threshold
60
mA
Sets threshold for gauge detecting battery discharge. Should be set lower than
minimal system load expected in the application and higher than Quit Current.
Chg Current Threshold
75
mA
Sets the threshold for detecting battery charge. Can be set higher or lower
depending on typical trickle charge current used. Also should be set higher
than Quit Current.
Quit Current
40
mA
Sets threshold for gauge detecting battery relaxation. Can be set higher or
lower depending on typical standby current and exhibited in the end system.
Avg I Last Run
–299
mA
Current profile used in capacity simulations at onset of discharge or at all times
if Load Select = 0. Should be set to nominal system load. Is automatically
updated by the gauge every cycle.
Avg P Last Run
–1131
mW
Power profile used in capacity simulations at onset of discharge or at all times
if Load Select = 0. Should be set to nominal system power. Is automatically
updated by the gauge every cycle.
Sleep Current
15
mA
Sets the threshold at which the fuel gauge enters SLEEP mode. Take care in
setting above typical standby currents else entry to SLEEP may be
unintentionally blocked.


Similar Part No. - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PW TI-BQ27350PW Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWG4 TI-BQ27350PWG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWR TI-BQ27350PWR Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWRG4 TI-BQ27350PWRG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
More results

Similar Description - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
[Old version datasheet]   Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
[Old version datasheet]   bq27000 Single Cell Battery Fuel Gauge Evaluation Module
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Maxim Integrated Produc...
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Texas Instruments
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com