Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27320 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27320
Description  Single-Cell CEDV Fuel Gauge
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27320 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ27320 Datasheet HTML 13Page - Texas Instruments BQ27320 Datasheet HTML 14Page - Texas Instruments BQ27320 Datasheet HTML 15Page - Texas Instruments BQ27320 Datasheet HTML 16Page - Texas Instruments BQ27320 Datasheet HTML 17Page - Texas Instruments BQ27320 Datasheet HTML 18Page - Texas Instruments BQ27320 Datasheet HTML 19Page - Texas Instruments BQ27320 Datasheet HTML 20Page - Texas Instruments BQ27320 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
A
A
S
0
ADDR [6:0]
CMD [7:0]
Sr
1
ADDR [6:0]
A
DATA [7:0]
A
DATA [7:0]
P
N
A
A
S
A
0
P
ADDR [6:0]
CMD [7:0]
DATA [7:0]
DATA [7:0]
A
66 s
m
A
A
S
0
ADDR [6:0]
CMD [7:0]
Sr
1
ADDR [6:0]
A
DATA [7:0]
A
DATA [7:0]
A
DATA [7:0]
A
DATA [7:0]
P
N
Waiting time inserted between incremental 2-byte write packet for a subcommand and reading results
(acceptable for
100 kHz)
f
SCL £
Waiting time inserted after incremental read
66 s
m
66 s
m
A
A
S
0
ADDR [6:0]
CMD [7:0]
Sr
1
ADDR [6:0]
A
DATA [7:0]
A
DATA [7:0]
P
N
A
A
S
A
0
P
ADDR [6:0]
CMD [7:0]
DATA [7:0]
66 s
m
Waiting time inserted between two 1-byte write packets for a subcommand and reading results
(required for 100 kHz < f
400 kHz)
SCL £
66 s
m
A
A
S
A
0
P
ADDR [6:0]
CMD [7:0]
DATA [7:0]
66 s
m
17
bq27320
www.ti.com
SLUSCG9A – FEBRUARY 2016 – REVISED MARCH 2016
Product Folder Links: bq27320
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3.9.4 I2C Clock Stretching
A clock stretch can occur during all modes of fuel gauge operation. In SNOOZE and HIBERNATE modes, a short
clock stretch occurs on all I2C traffic as the device must wake-up to process the packet. In the other modes (BAT
INSERT CHECK, NORMAL) clock stretching only occurs for packets addressed for the fuel gauge. The majority
of clock stretch periods are small as the I2C interface performs normal data flow control. However, less frequent
yet more significant clock stretch periods may occur as blocks of data flash are updated. The following table
summarizes the approximate clock stretch duration for various fuel gauge operating conditions.
Gauging Mode
Operating Condition/Comment
Approximate
Duration
SLEEP
HIBERNATE
Clock stretch occurs at the beginning of all traffic as the device wakes up.
≤ 4 ms
BAT INSERT
CHECK
NORMAL
Clock stretch occurs within the packet for flow control (after a start bit, ACK or first data bit).
≤ 4 ms
Data flash block writes.
72 ms
Restored data flash block write after loss of power.
116 ms
8.4 Device Functional Modes
To minimize power consumption, the device has different power modes: NORMAL, SNOOZE, SLEEP,
HIBERNATE, and BAT INSERT CHECK. The bq27320 passes automatically between these modes, depending
upon the occurrence of specific events, though a system processor can initiate some of these modes directly.
In NORMAL mode, the gas gauge is fully powered and can execute any allowable task.
In SNOOZE mode, low-frequency and high-frequency oscillators are active. Although the SNOOZE mode has
higher current consumption than the SLEEP mode, it is also a reduced power mode.
In SLEEP mode, the gas gauge turns off the high-frequency oscillator and exists in a reduced-power state,
periodically taking measurements and performing calculations.
In HIBERNATE mode, the gas gauge is in a low-power state, but can be woken up by communication or
certain IO activity.
BAT INSERT CHECK mode is a powered up, but low-power halted, state, where the gas gauge resides when
no battery is inserted into the system.


Similar Part No. - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27350 TI-BQ27350 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PW TI-BQ27350PW Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWG4 TI-BQ27350PWG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWR TI-BQ27350PWR Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
BQ27350PWRG4 TI-BQ27350PWRG4 Datasheet
485Kb / 33P
[Old version datasheet]   Single Cell Li-Ion Battery Manager With Impedance Track Fuel Gauge Technology
More results

Similar Description - BQ27320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ34210-Q1 TI1-BQ34210-Q1 Datasheet
363Kb / 19P
[Old version datasheet]   Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
BQ27000EVM TI-BQ27000EVM Datasheet
496Kb / 19P
[Old version datasheet]   bq27000 Single Cell Battery Fuel Gauge Evaluation Module
logo
Maxim Integrated Produc...
MAX17040 MAXIM-MAX17040_V01 Datasheet
984Kb / 13P
   1-Cell/2-Cell Fuel Gauge with ModelGauge
2016
logo
Texas Instruments
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Maxim Integrated Produc...
MAX17047 MAXIM-MAX17047_V01 Datasheet
1Mb / 47P
   1-Cell Fuel Gauge with ModelGauge m3
2016
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
   1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Texas Instruments
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com