Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25898C Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25898C
Description  Controlled Single Cell 3-A Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25898C Datasheet(HTML) 1 Page - Texas Instruments

  BQ25898C Datasheet HTML 1Page - Texas Instruments BQ25898C Datasheet HTML 2Page - Texas Instruments BQ25898C Datasheet HTML 3Page - Texas Instruments BQ25898C Datasheet HTML 4Page - Texas Instruments BQ25898C Datasheet HTML 5Page - Texas Instruments BQ25898C Datasheet HTML 6Page - Texas Instruments BQ25898C Datasheet HTML 7Page - Texas Instruments BQ25898C Datasheet HTML 8Page - Texas Instruments BQ25898C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VBUS
SW
BTST
SYS
BAT
bq25898C
Host
INPUT
3.9V±14V
USB
ICHG
BATSEN
I2C BUS
Host Control
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq25898C
SLUSCJ7B – MARCH 2016 – REVISED APRIL 2016
bq25898C I2C Controlled Single Cell 3-A Charger for High Input Voltage in Compact
DSBGA Package
1
1 Features
1
Operation as Slave Charger to Provide Fast
Charging in Dual Charger Operation
Simple Configuration with Minimum BOM
High Efficiency 3-A, 1.5-MHz Switch Mode Buck
Charge
92% Charge Efficiency at 3 A and 94% Charge
Efficiency at 2 A Charge Current
Optimize for High Voltage Input (9 V / 12 V)
Low Power PFM mode for Light Load
Operations
Single Input to Support USB Input and Adjustable
High Voltage Adapters
Support 3.9-V to 14-V Input Voltage Range
Input Current Limit (100 mA to 3.25 A with 50-
mA resolution) to Support USB2.0, USB3.0
standard and High Voltage Adapters
Wide Input Dynamic Power Management
(DPM) Range
Highest Battery Discharge Efficiency with 5-m
Ω
Default Charge Disabled
Integrated ADC for System Monitor
(Voltage, Charge Current)
Flexible Autonomous and I2C Mode for Optimal
System Performance
Remote Battery Sensing
High Integration includes all MOSFETs, Current
Sensing and Loop Compensation
High Accuracy
±0.5% Charge Voltage Regulation
±5% Charge Current Regulation
±7.5% Input Current Regulation
Safety
Thermal Regulation and Thermal Shutdown
Input UVLO/Overvoltage Protection
Battery OVP
Safety Timer
2 Applications
Smart Phone
Tablet PC
Portable Internet Devices
3 Description
The bq25898C is a highly-integrated switch-mode
battery charge management and system power path
management device for single cell Li-Ion and Li-
polymer battery. The device supports high input
voltage for charging. The low impedance power path
optimizes switch-mode operation efficiency, reduces
battery charging time and extends battery life during
discharging phase. The I2C serial interface with
charging and system settings makes the device a
truly flexible solution. The bq25898C is available in a
2.8mm x 2.5mm 42-ball DSBGA package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq25898C
DSBGA (42)
2.80 mm x 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ25898C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898D TI1-BQ25898D Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898DYFFR TI1-BQ25898DYFFR Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898DYFFT TI1-BQ25898DYFFT Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898YFFR TI1-BQ25898YFFR Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
More results

Similar Description - BQ25898C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
I2C Controlled Single Cell 5-A Fast Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
I2C Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com