Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25898C Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25898C
Description  Controlled Single Cell 3-A Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25898C Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ25898C Datasheet HTML 3Page - Texas Instruments BQ25898C Datasheet HTML 4Page - Texas Instruments BQ25898C Datasheet HTML 5Page - Texas Instruments BQ25898C Datasheet HTML 6Page - Texas Instruments BQ25898C Datasheet HTML 7Page - Texas Instruments BQ25898C Datasheet HTML 8Page - Texas Instruments BQ25898C Datasheet HTML 9Page - Texas Instruments BQ25898C Datasheet HTML 10Page - Texas Instruments BQ25898C Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
42X (
)
0.23
(0.4) TYP
(0.4) TYP
(
)
METAL
0.23
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
)
SOLDER MASK
OPENING
0.23
0.05 MIN
4222067/A 05/2015
DSBGA - 0.625 mm max height
YFF0042
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For more information, see Texas Instruments literature number SNVA009 (www.ti.com/lit/snva009).
SOLDER MASK DETAILS
NOT TO SCALE
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:25X
A
B
C
D
1
2
3
4
5
E
F
G
6
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED


Similar Part No. - BQ25898C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898D TI1-BQ25898D Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898DYFFR TI1-BQ25898DYFFR Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898DYFFT TI1-BQ25898DYFFT Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898YFFR TI1-BQ25898YFFR Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
More results

Similar Description - BQ25898C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com