Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25898C Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25898C
Description  Controlled Single Cell 3-A Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25898C Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ25898C Datasheet HTML 3Page - Texas Instruments BQ25898C Datasheet HTML 4Page - Texas Instruments BQ25898C Datasheet HTML 5Page - Texas Instruments BQ25898C Datasheet HTML 6Page - Texas Instruments BQ25898C Datasheet HTML 7Page - Texas Instruments BQ25898C Datasheet HTML 8Page - Texas Instruments BQ25898C Datasheet HTML 9Page - Texas Instruments BQ25898C Datasheet HTML 10Page - Texas Instruments BQ25898C Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.30
0.12
2.4
TYP
2 TYP
0.4 TYP
0.4 TYP
42X 0.3
0.2
B
E
A
D
4222067/A 05/2015
DSBGA - 0.625 mm max height
YFF0042
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BUMP A1
CORNER
SEATING PLANE
BALL TYP
0.05 C
A
B
C
D
1
2
3
0.015
C A
B
E
5
4
F
G
SYMM
SYMM
6
SCALE 4.500
D: Max =
E: Max =
2.79mm, Min = 2.85mm
2.50mm, Min = 2.56mm


Similar Part No. - BQ25898C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898D TI1-BQ25898D Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898DYFFR TI1-BQ25898DYFFR Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898DYFFT TI1-BQ25898DYFFT Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898YFFR TI1-BQ25898YFFR Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
More results

Similar Description - BQ25898C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com