Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25898C Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25898C
Description  Controlled Single Cell 3-A Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25898C Datasheet(HTML) 3 Page - Texas Instruments

  BQ25898C Datasheet HTML 1Page - Texas Instruments BQ25898C Datasheet HTML 2Page - Texas Instruments BQ25898C Datasheet HTML 3Page - Texas Instruments BQ25898C Datasheet HTML 4Page - Texas Instruments BQ25898C Datasheet HTML 5Page - Texas Instruments BQ25898C Datasheet HTML 6Page - Texas Instruments BQ25898C Datasheet HTML 7Page - Texas Instruments BQ25898C Datasheet HTML 8Page - Texas Instruments BQ25898C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
bq25898C
www.ti.com
SLUSCJ7B – MARCH 2016 – REVISED APRIL 2016
Product Folder Links: bq25898C
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Description (Continued)
The bq25898C is a highly-integrated 3-A switch-mode battery charge management device for single cell Li-Ion
and Li-polymer battery. As a tiny and cost-effective device, it can also be configured as slave charger to provide
fast charging in dual charger applications.
It features fast charging with high input voltage support for a wide range of smartphone, tablet and portable
devices. Its low impedance power path optimizes switch-mode operation efficiency, reduces battery charging
time and extends battery life during discharging phase. The solution is highly integrated with input reverse-
blocking FET (RBFET,Q1), high-side switching FET (HSFET, Q2), low-side switching FET (LSFET, Q3), and
integrated charge current sensing. It also integrates the bootstrap diode for the high-side gate drive and battery
monitor for simplified system design. The I2C serial interface with charging and system settings makes the
device a truly flexible solution.
The device supports a wide range of input sources, including standard USB host port, USB charging port, and
USB compliant adjustable high voltage adapter. To set the default input current limit, the device takes the result
from detection circuit in the system, such as USB PHY device. The device is compliant with USB 2.0 and USB
3.0 power spec with input current and voltage regulation.
The default charge current is set to 0 mA (charge disabled). Once charge is enabled, the device may initiate and
complete a charging cycle with software control.
The charger provides various safety features for battery charging and system operations, charging safety timer
and overvoltage/overcurrent protections. The thermal regulation reduces charge current when the junction
temperature exceeds 120°C (programmable). The STAT output reports the charging status and any fault
conditions. The PG output indicates if a good power source is present. The INT immediately notifies host when
fault occurs.
The device is available in a 2.80 mm x 2.50 mm 42-ball DSBGA package.


Similar Part No. - BQ25898C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898D TI1-BQ25898D Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898DYFFR TI1-BQ25898DYFFR Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898DYFFT TI1-BQ25898DYFFT Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ25898YFFR TI1-BQ25898YFFR Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
More results

Similar Description - BQ25898C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com