Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8515-16AU Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATMEGA8515-16AU
Description  8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8515-16AU Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATMEGA8515-16AU Datasheet HTML 25Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 26Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 27Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 28Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 29Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 30Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 31Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 32Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 254 page
background image
29
ATmega8515(L)
2512G–AVR–03/05
SRAM address space is configured as one sector, the wait states are configured by the
SRW11 and SRW10 bits.
• Bit 1 and Bit 6 MCUCR – SRW11, SRW10: Wait State Select Bits for Upper
Sector
The SRW11 and SRW10 bits control the number of wait states for the upper sector of
the External Memory address space, see Table 3.
• Bit 3..2 – SRW01, SRW00: Wait State Select Bits for Lower Sector
The SRW01 and SRW00 bits control the number of wait states for the lower sector of
the External Memory address space, see Table 3.
Note:
1. n = 0 or 1 (lower/upper sector).
For further details of the timing and wait states of the External Memory Interface, see
Figure 13 to Figure 16 how the setting of the SRW bits affects the timing.
Table 2. Sector Limits with Different Settings of SRL2..0
SRL2
SRL1
SRL0
Sector Limits
00
0
Lower sector = N/A
Upper sector = 0x0260 - 0xFFFF
00
1
Lower sector = 0x0260 - 0x1FFF
Upper sector = 0x2000 - 0xFFFF
01
0
Lower sector = 0x0260 - 0x3FFF
Upper sector = 0x4000 - 0xFFFF
01
1
Lower sector = 0x0260 - 0x5FFF
Upper sector = 0x6000 - 0xFFFF
10
0
Lower sector = 0x0260 - 0x7FFF
Upper sector = 0x8000 - 0xFFFF
10
1
Lower sector = 0x0260 - 0x9FFF
Upper sector = 0xA000 - 0xFFFF
11
0
Lower sector = 0x0260 - 0xBFFF
Upper sector = 0xC000 - 0xFFFF
11
1
Lower sector = 0x0260 - 0xDFFF
Upper sector = 0xE000 - 0xFFFF
Table 3. Wait States(1)
SRWn1
SRWn0
Wait States
0
0
No wait states.
0
1
Wait one cycle during read/write strobe.
1
0
Wait two cycles during read/write strobe.
11
Wait two cycles during read/write and wait one cycle before driving out
new address.


Similar Part No. - ATMEGA8515-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8515-16AU ATMEL-ATMEGA8515-16AU Datasheet
235Kb / 21P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515-16AU ATMEL-ATMEGA8515-16AU Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8515-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com