Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8515-16AU Datasheet(PDF) 26 Page - ATMEL Corporation

Part # ATMEGA8515-16AU
Description  8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8515-16AU Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button ATMEGA8515-16AU Datasheet HTML 22Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 23Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 24Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 25Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 26Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 27Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 28Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 29Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 254 page
background image
26
ATmega8515(L)
2512G–AVR–03/05
Pull-up and Bus Keeper
The pull-up resistors on the AD7:0 ports may be activated if the corresponding Port
Register is written to one. To reduce power consumption in sleep mode, it is recom-
mended to disable the pull-ups by writing the Port Register to zero before entering
sleep.
The XMEM interface also provides a bus keeper on the AD7:0 lines. The bus keeper
can be disabled and enabled in software as described in “Special Function IO Register –
SFIOR” on page 30. When enabled, the bus keeper will keep the previous value on the
AD7:0 bus while these lines are tri-stated by the XMEM interface.
Timing
External memory devices have various timing requirements. To meet these require-
ments, the ATmega8515 XMEM interface provides four different wait states as shown in
Table 3. It is important to consider the timing specification of the external memory
device before selecting the wait state. The most important parameters are the access
time for the external memory in conjunction with the set-up requirement of the
ATmega8515. The access time for the external memory is defined to be the time from
receiving the chip select/address until the data of this address actually is driven on the
bus. The access time cannot exceed the time from the ALE pulse is asserted low until
data must be stable during a read sequence (t
LLRL+ tRLRH - tDVRH in Table 98 to Table
105 on page 202). The different wait states are set up in software. As an additional fea-
ture, it is possible to divide the external memory space in two sectors with individual wait
state settings. This makes it possible to connect two different memory devices with dif-
ferent timing requirements to the same XMEM interface. For XMEM interface timing
details, please refer to Figure 89 to Figure 92, and Table 98 to Table 105.
Note that the XMEM interface is asynchronous and that the waveforms in the figures
below are related to the internal system clock. The skew between the Internal and Exter-
nal clock (XTAL1) is not guaranteed (it varies between devices, temperature, and supply
voltage). Consequently, the XMEM interface is not suited for synchronous operation.
Figure 13. External Data Memory Cycles without Wait State (SRWn1 = 0 and
SRWn0 = 0)
(1)
Note:
1. SRWn1 = SRW11 (upper sector) or SRW01 (lower sector), SRWn0 = SRW10 (upper
sector) or SRW00 (lower sector)
The ALE pulse in period T4 is only present if the next instruction accesses the RAM
(internal or external).
ALE
T1
T2
T3
WR
T4
A15:8
Address
Prev. Addr.
DA7:0
Address
Data
Prev. Data
XX
RD
DA7:0 (XMBK = 0)
Data
Prev. Data
Address
Data
Prev. Data
Address
DA7:0 (XMBK = 1)
System Clock (CLKCPU)


Similar Part No. - ATMEGA8515-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8515-16AU ATMEL-ATMEGA8515-16AU Datasheet
235Kb / 21P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515-16AU ATMEL-ATMEGA8515-16AU Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8515-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com