Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8515-16AU Datasheet(PDF) 100 Page - ATMEL Corporation

Part # ATMEGA8515-16AU
Description  8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
Download  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8515-16AU Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button ATMEGA8515-16AU Datasheet HTML 96Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 97Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 98Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 99Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 100Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 101Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 102Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 103Page - ATMEL Corporation ATMEGA8515-16AU Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 254 page
background image
100
ATmega8515(L)
2512G–AVR–03/05
The following code examples show how to do an atomic read of the TCNT1 Register
contents. Reading any of the OCR1A/B or ICR1 Registers can be done by using the
same principle.
Note:
1. See “About Code Examples” on page 6.
The assembly code example returns the TCNT1 value in the r17:r16 register pair.
Assembly Code Example(1)
TIM16_ReadTCNT
1:
; Save global interrupt flag
in
r18,SREG
; Disable interrupts
cli
; Read TCNT
1 into r17:r16
in
r16,TCNT
1L
in
r17,TCNT
1H
; Restore global interrupt flag
out
SREG,r18
ret
C Code Example
(1)
unsigned int
TIM16_ReadTCNT
1( void )
{
unsigned char
sreg;
unsigned int
i;
/* Save global interrupt flag */
sreg = SREG;
/* Disable interrupts */
_CLI();
/* Read TCNT
1 into i */
i = TCNT
1;
/* Restore global interrupt flag */
SREG = sreg;
return
i;
}


Similar Part No. - ATMEGA8515-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8515-16AU ATMEL-ATMEGA8515-16AU Datasheet
235Kb / 21P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515-16AU ATMEL-ATMEGA8515-16AU Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8515-16AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8 ATMEL-ATMEGA8 Datasheet
5Mb / 303P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8535L ATMEL-ATMEGA8535L Datasheet
264Kb / 22P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8 ATMEL-ATMEGA8_06 Datasheet
2Mb / 23P
8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM81 ATMEL-AT90PWM81 Datasheet
5Mb / 325P
8-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash
ATTINY24 ATMEL-ATTINY24 Datasheet
4Mb / 238P
8-bit AVR Microcontroller with 2/4/8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY828 ATMEL-ATTINY828_14 Datasheet
772Kb / 20P
8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com