Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD1400 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ISD1400
Description  Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1400 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ISD1400 Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 15Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 16Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 17Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 18Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 19Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 20Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
13

ISD
        !"  # 
 $ %&%     '(       ) *   
+##  
 /345         6 . (7
 8 + 2Ω    $*$ '*
   5   9  3     :      
   $  3       5    9 
    -    9    ) 6 . (7
                     .  3
    6(7
B
5 5) @6) 6
6&
6&"

*
8
8
B 
C-E 58 F,
6&
6&"
"
"
8
8
B+6
B +  68 


G
=  :+?
5
 3 -  5)
""
F
0  . Ω

 # 88  3 58
"
"
 
0  . Ω

E    
"

53@@53 

#;# ;   


53@@53
Table 11: AC Parameters (Die)
Symbol
Characteristic
Min(2)
Typ (1)
Max(2)
Units
Conditions


Similar Part No. - ISD1400

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
ISD1447AS1 ISAHAYA-ISD1447AS1 Datasheet
243Kb / 3P
FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD14B20 NUVOTON-ISD14B20 Datasheet
993Kb / 27P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD14B20X WINBOND-ISD14B20X Datasheet
537Kb / 24P
SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
More results

Similar Description - ISD1400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com