Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD1400 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ISD1400
Description  Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD1400 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ISD1400 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD1400 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image

7
ISD
 %        
    &    
&      
'         
 
  
 ( )( )(
 ( )( )(
Table 4:
Absolute Maximum Ratings
(Packaged Parts)(1)
Condition
Value
5  .!!
 6/
 ! .!! !
7 6/  8 6/
9 % ..%#  0 .
:9 7 * 9; 
:9 8* 9;
9 % ..%#  0 .
:. !! %#  <  ;
:9 7  9; 
:9 8 9;
-# .!! : %#! 7
  #;
*6/
9 79
7* 9  8= 9
Table 5:
Operating Conditions
(Packaged Parts)
Condition
Value
/ !% .!
.!! !
6/  8=6/
#!% .!
.!!
76/  8 6/
..%0 2 % :9;
8 9  8  9
>! # 2 % :9;
9
Table 6: DC Parameters (Packaged Parts)
Symbol
Parameters
Min(2)
Typ (1)
Max(2)
Units
Conditions
9
. - " 9 %

9
9
. $ 9 %

9
9
'. - " 9 %

9
 ? 
9
'. $ 9 %

9
 ? 7 

9 /!! :'.!;

*

9 ?  9 +3  ? ∞

9 /!! :#10;


@
 

. -( /!!
<
@

. /!! > "4)%%
 "
*
@
 ! 9 
3 
'. - # .#

.(! - #
3
)!.  . 3


=
Ω
) =+ 
3 
A A . 3

*
Ω
 
)!. > 

*

#B
>/ ?  9
 
)!. >
7
7
#B
>/ ?  9


Similar Part No. - ISD1400

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
ISD1447AS1 ISAHAYA-ISD1447AS1 Datasheet
243Kb / 3P
   FOR LOW FREQUENCY POWOR AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD14B20 WINBOND-ISD14B20 Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
logo
Nuvoton Technology Corp...
ISD14B20 NUVOTON-ISD14B20 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD14B20X WINBOND-ISD14B20X Datasheet
537Kb / 24P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 10.6- TO 32-SECONDS DURATION
More results

Similar Description - ISD1400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD2500 ETC1-ISD2500 Datasheet
331Kb / 28P
   Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com