Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-5301 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HDSP-5301
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-5301 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HDSP-5301 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3-86
Internal Circuit Diagram
Notes:
1. See Figure 1 to establish pulsed conditions.
2. Derate above 80
°C at 0.63 mA/°C.
3. See Figure 2 to establish pulsed conditions.
4. Derate above 46
°C at 0.54 mA/°C.
5. See Figure 7 to establish pulsed conditions.
6. Derate above 53
°C at 0.45 mA/°C.
Red
AlGaAs Red
HER
Yellow
Green
HDSP-5300
HDSP-H150
HDSP-5500
HDSP-5700
HDSP-5600
Description
Series
Series
Series
Series
Series
Units
Average Power per Segment or DP
82
96
105
80
105
mW
Peak Forward Current per
150[1]
160[3]
90[5]
60[7]
90[9]
mA
Segment or DP
DC Forward Current per
25[2]
40[4]
30[6]
20[8]
3010]
mA
Segment or DP
Operating Temperature Range
-40 to +100
-20 to +100[11]
-40 to +100
°C
Storage Temperature Range
-55 to +100
°C
Reverse Voltage per
3.0
V
Segment or DP
Lead Solder Temperature for
3 Seconds (1.60 mm [0.063 in.]
260
°C
below seating plane)
Absolute Maximum Ratings
7. See Figure 8 to establish pulsed conditions.
8. Derate above 81
°C at 0.52 mA/°C.
9. See Figure 9 to establish pulsed conditions.
10. Derate above 39
°C at 0.37 mA/°C.
11. For operation below -20
°C, contact your local HP
components sales office or an authorized distributor.


Similar Part No. - HDSP-5301

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-501B HP-HDSP-501B Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-503B HP-HDSP-503B Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5101 HP-HDSP-5101 Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
More results

Similar Description - HDSP-5301

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-K40X HP-HDSP-K40X Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
   14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com