Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-5301 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-5301
Description  14.2 mm (0.56 inch) Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-5301 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-5301 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-5301 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3-88
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
900
2800
IF = 10 mA
Luminous Intensity/Segment[1,2,6]
IV
µcd
(Digit Average)
3700
IF = 60 mA Peak:
1 of 6 df
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 20 mA
55XX
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[3]
λ
d
626
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
30
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED Junction-
R
θ
J-Pin
345
°C/W/
to-Pin
Seg
High Efficiency Red
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
600
1800
IF = 10 mA
Luminous Intensity/Segment[1,2]
IV
µcd
(Digit Average)
2750
IF = 60 mA Peak:
1 of 6 df
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 20 mA
57XX
Peak Wavelength
λ
PEAK
583
nm
Dominant Wavelength[3,7]
λ
d
581.5
586
592.5
nm
Reverse Voltage/Segment or DP[4]
VR
3.0
40
V
IR = 100 µA
Temperature Coefficient of
∆V
F/°C
-2
mV/
°C
VF/Segment or DP
Thermal Resistance LED Junction-
R
θ
J-Pin
345
°C/W/
to-Pin
Seg
Yellow


Similar Part No. - HDSP-5301

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-501B HP-HDSP-501B Datasheet
66Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-503B HP-HDSP-503B Datasheet
66Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5101 HP-HDSP-5101 Datasheet
93Kb / 8P
Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
More results

Similar Description - HDSP-5301

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-K40X HP-HDSP-K40X Datasheet
289Kb / 11P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP5303 HP-HDSP5303 Datasheet
328Kb / 9P
14.2 MM SEVEN SEGMENT DISPLAYS
HDSP-52 HP-HDSP-52 Datasheet
76Kb / 8P
14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
HDSP-52XE AVAGO-HDSP-52XE Datasheet
92Kb / 7P
14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com