Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 10Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 11Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 12Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 13Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 14Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 15Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 16Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
16
Maxim Integrated
Chip Information
PROCESS: BiCMOS
Ordering Information
+ Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and Reel
Package Information
For the latest package outline information and land patterns (foot-
prints), go to
www.maximintegrated.com/packages. Note that
a “+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
Typical Operating Circuits (continued)
PART
TEMP RANGE
PIN-PACKAGE
MAX14850ASE+T
-40NC to +125NC
16 SOIC
MAX14850ASE+
-40NC to +125NC
16 SOIC
MAX14850AEE+
-40NC to +125NC
16 QSOP
MAX14850AEE+T
-40NC to +125NC
16 QSOP
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
16 SOIC
S16+3
21-0041
90-0097
16 QSOP
E16+1
21-0055
90-0167
I/OA1
GPIO1
OUTA1
RX
I/OA2
INA1
RTS
INA2
TX
OUTA2
I/OB1
INB1
I/OB2
OUTB1
OUTB2
INB2
GPIO3
µC
GNDA
GNDB
VCCA
VCCB
RPUA
RPUB
0.1µF
0.1µF
3.3V
5V
VCCB MONITOR
MAX13085E
600VRMS
ISOLATION
RE
RO
DE
DI
A
B
MAX14850


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
Six-Channel Digital Isolator
Rev 0; 3/12
logo
Silicon Laboratories
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
SI846X SILABS-SI846X Datasheet
1Mb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
Low Power Six-Channel Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
May 2022 Rev 3
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com