Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 10Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 11Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 12Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 13Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 14Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 15Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 16Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
14
Maxim Integrated
Applications Information
Affect of Continuous Isolation
on Lifetime
High-voltage conditions cause insulation to degrade
over time. Higher voltages result in faster degradation.
Even the high-quality insulating material used in the
MAX14850 can degrade over long periods of time with a
constant high-voltage across the isolation barrier. Figure 4
shows the life expectancy of the MAX14850 vs. working
isolation voltage.
Power Supply Sequencing
The MAX14850 does not require special power-supply
sequencing. The logic levels are set independently on
either side by VCCA and VCCB. Each supply can be pres-
ent over the entire specified range regardless of the level
or presence of the other.
Power Supply Decoupling
To reduce ripple and the chance of introducing data errors,
bypass VCCA and VCCB with 0.1FF ceramic capacitors to
GNDA and GNDB, respectively. Place the bypass capaci-
tors as close to the power-supply input pins as possible.
Figure 4. Life Expectancy vs. Working Isolation Voltage
Figure 3. Undervoltage Lockout Behavior
LIFE EXPECTANCY
vs. WORKING ISOLATION VOLTAGE
WORKING ISOLATION VOLTAGE (VIOWM) - VRMS
700
600
500
400
300
200
100
0.1
1
10
100
50
1000
0.001
0
800
VIOWM = 200VRMS
VCCA
VCCB
VOUTA_
VOUTB_
VI/OA_
VI/OB_
400µs/div


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com