Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 10Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 11Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 12Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 13Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 14Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 15Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 16Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
13
Maxim Integrated
Ground Isolation/Level Shifting
The MAX14850 tolerates a ground difference of 600VRMS.
Therefore, VGNDA can be 850VDC higher or lower than
VGNDB. In addition, the device translates logic levels
when (VCCA–VGNDA) is higher or lower voltage than
(VCCB–VGNDB), as long as each is within the valid 3.0V
to 5.5V range.
Unidirectional and Bidirectional Channels
The MAX14850 operates both as a unidirectional device
and bidirectional device simultaneously. Each unidirec-
tional channel can only be used in the direction shown in
the functional diagram. The bidirectional channels func-
tion without requiring a direction control input.
Unidirectional Channels
The device features four unidirectional channels that
operate independently with guaranteed data rates from
DC to 50Mbps. The output driver of each unidirectional
channel is push-pull, eliminating the need for pullup resis-
tors. The outputs are able to drive both TTL and CMOS
logic inputs.
Bidirectional Channels
The device features two bidirectional channels that have
open-drain outputs. The bidirectional channels do not
require a direction control input. A logic-low on one side
causes the corresponding pin on the other side to be
pulled low while avoiding data latching within the device.
The input logic-low threshold (VIT) of I/OA1 and I/OA2 are
at least 50mV lower than the output logic-low voltages of I/
OA1 and I/OA2. This prevents an output logic-low on side
A from being accepted as an input low and subsequently
transmitted to side B, thus preventing a latching action.
The I/OA1, I/OA2, I/OB1, and I/OB2 pins have open-drain
outputs, requiring pullup resistors to their respective
supplies for logic-high outputs. The output low voltages
are guaranteed for sink currents of up to 30mA for side
B, and 10mA for side A (see the Electrical Characteristics
table).
Startup and Undervoltage Lockout
The VCCA and VCCB supplies are both internally
monitored for undervoltage conditions. Undervoltage
events can occur during power-up, power-down, or during
normal operation due to a slump in the supplies. When an
undervoltage event is detected on either of the supplies, all
outputs on both sides are automatically controlled, regard-
less of the status of the inputs. The bidirectional outputs
become high impedance and are pulled high by the external
pullup resistor on the open-drain output. The unidirectional
outputs are pulled high internally to the voltage of the VCCA
or VCCB supply during undervoltage conditions.
When an undervoltage condition is detected on either
supply, all unidirectional outputs are pulled to the supplies
(Table 1). The bidirectional outputs are high impedance
and pulled to the supplies by the external pullup resistors.
Safety Regulatory Approvals
The MAX14850ASE+ is safety certified by UL, CSA, and
IEC 60747-5-2. Per UL1577, the MAX14850 is 100%
tested at an equivalent VISO of 720VRMS for one second
(see Table 2).
Figure 3 shows the behavior of the outputs during power-
up and power-down.
MAX14850AEE+ has not been submitted for certification.
Table 2. Safety Regulatory Approvals (Pending) (MAX14850ASE+)
Table 1. Output Behavior During Undervoltage Conditions
VIN
VCCA
VCCB
VOUTA_
VOUTB_
1
Powered
Powered
1
1
0
Powered
Powered
0
0
X
Under Voltage
Powered
Follows VCCA
1
X
Powered
Under Voltage
1
Follows VCCB
SAFETY AGENCY
STANDARD
ISOLATION NUMBER
FILE NUMBER
UL
UL1577 Recognized
600VRMS isolation voltage for 60 seconds
E351759
VDE
Approved to 60747-17
Basic insulation, 600VRMS for 60 seconds
Pending


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
Six-Channel Digital Isolator
Rev 0; 3/12
logo
Silicon Laboratories
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
SI846X SILABS-SI846X Datasheet
1Mb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
Low Power Six-Channel Digital Isolator
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
May 2022 Rev 3
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com