Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX14850_14 Datasheet HTML 8Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 10Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 11Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 12Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 13Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 14Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 15Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
12
Maxim Integrated
Functional Diagram
Detailed Description
The MAX14850 is a six-channel digital isolator. The
device is rated for 600VRMS isolation voltage for 60
seconds. This digital isolator offers a low-power, low-cost,
high electromagnetic interference (EMI) immunity, and
stable temperature performance through Maxim’s propri-
etary process technology. The device uses a monolithic
solution to isolate different ground domains and block
high-voltage/high-current transients from sensitive or
human interface circuitry. Four of the six channels are
unidirectional, two in each direction. All four unidirec-
tional channels support data rates of up to 50Mbps. The
other two channels are bidirectional with data rates up to
2Mbps.
Isolation of I2C, SPI/MICROWIRE®, and other serial
busses can be achieved with the MAX14850. The
device features two supply inputs, VCCA and VCCB, that
independently set the logic levels on either side of the
device. VCCA and VCCB are referenced to GNDA and
GNDB, respectively. The MAX14850 features a refresh
mode to ensure accuracy of data when the inputs are DC.
Digital Isolation
The MAX14850 provides galvanic isolation for digital
signals that are transmitted between two ground domains.
Up to 200VRMS of continuous isolation is supported as
well as transient differences of up to 850V.
Pin Description (continued)
MICROWIRE is a registered trademark of National
Semiconductor Corporation.
PIN
NAME
FUNCTION
VOLTAGE RELATIVE TO
11
I/OB1
Bidirectional Input/Output 1 on Side B. I/OB1 is translated to/from I/OA1
and is a open-drain output.
GNDB
12
INB2
Logic Input 2 on Side B. INB2 is translated to OUTA2.
GNDB
13
INB1
Logic Input 1 on Side B. INB1 is translated to OUTA1.
GNDB
14
OUTB2
Logic Output 2 on Side B. OUTB2 is a push-pull output.
GNDB
15
OUTB1
Logic Output 1 on Side B. OUTB1 is a push-pull output.
GNDB
16
VCCB
Supply Voltage of Logic Side B. Bypass VCCB with a 0.1FF ceramic
capacitor to GNDB.
GNDB
MAX14850
INA1
VCCA
VCCB
GNDA
GNDB
600VRMS
DIGITAL
ISOLATOR
INA2
OUTA1
OUTA2
I/OA1
I/OA2
OUTB1
OUTB2
INB1
INB2
I/OB1
I/OB2


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com