Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14850_14 Datasheet HTML 7Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 8Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 10Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 11Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 12Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 13Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 14Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
11
Maxim Integrated
Pin Description
Pin Configuration
PIN
NAME
FUNCTION
VOLTAGE RELATIVE TO
1
VCCA
Supply Voltage of Logic Side A. Bypass VCCA with a 0.1FF ceramic
capacitor to GNDA.
GNDA
2
INA1
Logic Input 1 on Side A. INA1 is translated to OUTB1.
GNDA
3
INA2
Logic Input 2 on Side A. INA2 is translated to OUTB2.
GNDA
4
OUTA1
Logic Output 1 on Side A. OUTA1 is a push-pull output.
GNDA
5
OUTA2
Logic Output 2 on Side A. OUTA2 is a push-pull output.
GNDA
6
I/OA1
Bidirectional Input/Output 1 on Side A. I/OA1 is translated to/from I/OB1
and is a open-drain output.
GNDA
7
I/OA2
Bidirectional Input/Output 2 on Side A. I/OA2 is translated to/from I/OB2
and is a open-drain output.
GNDA
8
GNDA
Ground Reference for Side A
9
GNDB
Ground Reference for Side B
10
I/OB2
Bidirectional Input/Output 2 on Side B. I/OB2 is translated to/from I/OA2
and is a open-drain output.
GNDB
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VCCA
VCCB
OUTB1
OUTB2
INB1
INB2
I/OB1
I/OB2
GNDB
TOP VIEW
INA1
INA2
I/OA1
OUTA1
OUTA2
I/OA2
GNDA
MAX14850
+
SOIC/QSOP


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com