Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX14850_14 Datasheet HTML 5Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 6Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 7Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 8Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 10Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 11Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 12Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
9
Maxim Integrated
Typical Operating Characteristics (continued)
(VCCA – VGNDA = 3.3V, VCCB – VGNDB = 3.3V, all inputs idle, TA = +25NC, unless otherwise noted.
OUTB_ VOH vs. SOURCE CURRENT
ISOURCE (mA)
60
45
30
15
1
2
3
4
5
0
075
VCCB = 3.3V
VCCB = 5V
OUTB_ VOL vs. SINK CURRENT
ISINK (mA)
60
45
30
15
1
2
3
4
5
0
075
VCCB = 3.3V
VCCB = 5V
PROPAGATION DELAY
vs. SUPPLY VOLTAGE
VDDA (V)
5.0
4.5
3.5
4.0
2
4
6
8
12
10
14
16
0
3.0
5.5
VGNDB - VGNDA = -100V
VGNDB - VGNDA = +100V
VGNDB - VGNDA = 0V
VDDA = VDDB
INA_ TO OUTB_
LOW TO HIGH TRANSITION
VDDA (V)
5.0
4.5
4.0
3.5
2
4
6
8
10
12
0
3.0
5.5
PROPAGATION DELAY
vs. SUPPLY VOLTAGE
VGNDB - VGNDA = -100V
VGNDB - VGNDA = +100V
VGNDB - VGNDA = 0V
VDDA = VDDB
INA_ TO OUTB_
HIGH TO LOW TRANSITION
PROPAGATION DELAY
vs.CAPACITIVE LOAD
CL (pF)
80
60
40
20
2
4
6
8
10
12
14
16
18
0
0
100
HIGH TO LOW
INA_ TO OUTB_
LOW TO HIGH
PROPAGATION DELAY
vs. TEMPERATURE
TA (°C)
110
95
65 80
-10 5 20 35 50
-25
2
4
6
8
10
12
14
16
18
0
-40
125
HIGH TO LOW
INA_ TO OUTB_
LOW TO HIGH
PROPAGATION DELAY
vs. SUPPLY VOLTAGE
VDDA (V)
5.0
4.5
3.5
4.0
2
4
6
8
12
10
14
16
0
3.0
5.5
VGNDB - VGNDA = +100V
VGNDB - VGNDA = -100V
VGNDB - VGNDA = 0V
VDDA = VDDB
INB_ TO OUTA_
LOW TO HIGH TRANSITION
VDDA (V)
5.0
4.5
4.0
3.5
2
4
6
8
10
12
0
3.0
5.5
PROPAGATION DELAY
vs. SUPPLY VOLTAGE
VGNDB - VGNDA = -100V
VGNDB - VGNDA = +100V
VGNDB - VGNDA = 0V
VDDA = VDDB
INB_ TO OUTA_
HIGH TO LOW TRANSITION
PROPAGATION DELAY
vs. CAPACITIVE LOAD
CL (pF)
80
60
40
20
2
4
6
8
10
12
14
16
18
20
0
0
100
HIGH TO LOW
INB_ TO OUTA_
LOW TO HIGH


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com