Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14850 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14850
Description  Six-Channel Digital Isolator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14850 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14850_14 Datasheet HTML 4Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 5Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 6Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 7Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 8Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 9Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 10Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 11Page - Maxim Integrated Products MAX14850_14 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MAX14850
Six-Channel Digital Isolator
8
Maxim Integrated
Typical Operating Characteristics
(VCCA – VGNDA = 3.3V, VCCB – VGNDB = 3.3V, all inputs idle, TA = +25NC, unless otherwise noted.
ICCA vs. DATA RATE
DATA RATE (Mbps)
10
1
0.1
0.01
1
2
3
4
5
6
7
8
9
0
0.001
100
INA1/INA2
SWITCHING
INB1/INB2
SWITCHING
ICCB vs. DATA RATE
DATA RATE (Mbps)
10
1
0.1
0.01
1
2
3
4
5
6
7
8
9
0
0.001
100
INB1/INB2
SWITCHING
INA1/INA2
SWITCHING
ICCA vs. DATA RATE
DATA RATE (Mbps)
1
0.1
0.01
1
2
3
4
5
6
7
0
0.001
10
I/OA1/I/OA2
SWITCHING
I/OB1/I/OB2
SWITCHING
PULLUP = 2k
ICCB vs. DATA RATE
DATA RATE (Mbps)
1
0.1
0.01
1
2
3
4
5
6
7
8
0
0.001
10
I/OB1/I/OB2
SWITCHING
I/OA1/I/OA2
SWITCHING
PULLUP = 2k
ICCA vs. VCCA
VCCA (V)
5.0
4.5
4.0
3.5
1
2
3
4
5
6
7
8
9
10
0
3.0
5.5
TA = +25°C
TA = -40°C
TA = +125°C
ICCB vs. VCCB
VCCB (V)
5.0
4.5
4.0
3.5
1
2
3
4
5
6
7
8
9
10
0
3.0
5.5
TA = -40°C
TA = -40°C
TA = +125°C
ICC vs.TEMPERATURE
TEMPERATURE (°C)
110
95
65 80
-10 5 20 35 50
-25
1
2
3
4
5
6
7
8
9
0
-40
125
ICCB
ICCA
OUTA_ VOH vs. SOURCE CURRENT
ISOURCE (mA)
60
45
30
15
1
2
3
4
5
0
075
VCCA = 5V
VCCA = 3.3V
OUTA_ VOL vs. SINK CURRENT
ISINK (mA)
60
45
30
15
1
2
3
4
5
0
075
VCCA = 5V
VCCA = 3.3V


Similar Part No. - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850AEE++ MAXIM-MAX14850AEE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850AEE+T MAXIM-MAX14850AEE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850ASE++ MAXIM-MAX14850ASE+ Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
MAX14850ASE+T MAXIM-MAX14850ASE+T Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
More results

Similar Description - MAX14850_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14850 MAXIM-MAX14850 Datasheet
2Mb / 16P
   Six-Channel Digital Isolator
Rev 0; 3/12
MAX14850 MAXIM-MAX14850_V01 Datasheet
1,005Kb / 17P
   Six-Channel Digital Isolator
2019
logo
Silicon Laboratories
SI846X SILABS-SI846X Datasheet
1Mb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8660 SILABS-SI8660 Datasheet
944Kb / 43P
   Low Power Six-Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI846X SKYWORKS-SI846X Datasheet
1Mb / 35P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
Rev. 1.6
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
   Low Power Six-Channel Digital Isolator
July 26, 2022
logo
Silicon Laboratories
SI8660BA-B-IS1 SILABS-SI8660BA-B-IS1 Datasheet
493Kb / 40P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8460 SILABS-SI8460 Datasheet
451Kb / 36P
   LOW POWER SIX-CHANNEL DIGITAL ISOLATOR
SI8065 SILABS-SI8065 Datasheet
1Mb / 9P
   THREE TO SIX CHANNEL DIGITAL ISOLATOR EVALUATION BOARD USERS GUIDE
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
   Dual channel digital isolator
May 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com