Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGTH00TS65D Datasheet(PDF) 4 Page - Rohm

Part # RGTH00TS65D
Description  650V 50A Field Stop Trench IGBT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RGTH00TS65D Datasheet(HTML) 4 Page - Rohm

  RGTH00TS65D Datasheet HTML 1Page - Rohm RGTH00TS65D Datasheet HTML 2Page - Rohm RGTH00TS65D Datasheet HTML 3Page - Rohm RGTH00TS65D Datasheet HTML 4Page - Rohm RGTH00TS65D Datasheet HTML 5Page - Rohm RGTH00TS65D Datasheet HTML 6Page - Rohm RGTH00TS65D Datasheet HTML 7Page - Rohm RGTH00TS65D Datasheet HTML 8Page - Rohm RGTH00TS65D Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RGTH00TS65D
lIGBT Electrical Characteristics (at T
j = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Diode Forward Voltage
VF
IF = 30A
V
Tj = 25°C
-
1.45
2.0
Tj = 175°C
-
1.25
-
ns
IF = 30A
Diode Peak Reverse Recovery
Current
Irr
VCC = 400V
-
7.4
-
A
diF/dt = 200A/μs
Diode Reverse Recovery Time
trr
-
54
-
μC
Diode Reverse Recovery Time
trr
-
225
-
ns
IF = 30A
Diode Reverse Recovery
Charge
Qrr
Tj = 25°C
-
0.22
-
A
diF/dt = 200A/μs
Diode Reverse Recovery
Charge
Qrr
Tj = 175°C
-
1.60
-
μC
Diode Peak Reverse Recovery
Current
Irr
VCC = 400V
-
12.8
-
4/11
2014.05 - Rev.B


Similar Part No. - RGTH00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH00TS65 ROHM-RGTH00TS65 Datasheet
687Kb / 10P
   650V 50A Field Stop Trench IGBT
More results

Similar Description - RGTH00TS65D

ManufacturerPart #DatasheetDescription
logo
Rohm
RGTH00TK65 ROHM-RGTH00TK65 Datasheet
750Kb / 11P
   650V 50A Field Stop Trench IGBT
RGTV00TK65 ROHM-RGTV00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGS00TS65D ROHM-RGS00TS65D Datasheet
976Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTV00TS65 ROHM-RGTV00TS65 Datasheet
1Mb / 11P
   650V 50A Field Stop Trench IGBT
logo
Shenzhen Huazhimei Semi...
HMG50N65T HMSEMI-HMG50N65T Datasheet
1Mb / 8P
   650V /50A Trench Field Stop IGBT
logo
Rohm
RGT00TS65D ROHM-RGT00TS65D Datasheet
733Kb / 12P
   650V 50A Field Stop Trench IGBT
RGTH00TK65D ROHM-RGTH00TK65D Datasheet
893Kb / 13P
   650V 50A Field Stop Trench IGBT
RGTH00TS65 ROHM-RGTH00TS65 Datasheet
687Kb / 10P
   650V 50A Field Stop Trench IGBT
RGTV00TK65D ROHM-RGTV00TK65D Datasheet
1Mb / 12P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
RGW00TK65 ROHM-RGW00TK65 Datasheet
1Mb / 10P
   650V 50A Field Stop Trench IGBT
2017.10 - Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com