Electronic Components Datasheet Search |
|
RGTH00TS65D Datasheet(PDF) 1 Page - Rohm |
|
RGTH00TS65D Datasheet(HTML) 1 Page - Rohm |
1 / 12 page Data Sheet www.rohm.com © 2014 ROHM Co., Ltd. All rights reserved. RGTH00TS65D 650V 50A Field Stop Trench IGBT *1 Pulse width limited by Tjmax. lFeatures lInner Circuit lOutline VCES 650V TO-247N IC(100°C) 50A VCE(sat) (Typ.) 1.6V PD 277W 1) Low Collector - Emitter Saturation Voltage 2) High Speed Switching 3) Low Switching Loss & Soft Switching 4) Built in Very Fast & Soft Recovery FRD (RFN - Series) lPackaging Specifications 5) Pb - free Lead Plating ; RoHS Compliant Type Packaging Tube lApplications Reel Size (mm) - PFC Tape Width (mm) - UPS Basic Ordering Unit (pcs) 450 Power Conditioner Taping Code C11 Marking RGTH00TS65D IH lAbsolute Maximum Ratings (at T C = 25°C unless otherwise specified) Parameter Symbol Value Unit Collector - Emitter Voltage VCES 650 V Gate - Emitter Voltage VGES 30 V Collector Current TC = 25°C IC 85 A TC = 100°C IC 50 A Pulsed Collector Current ICP *1 200 A Diode Forward Current TC = 25°C IF 50 A TC = 100°C IF 30 A Diode Pulsed Forward Current IFP *1 200 A Power Dissipation TC = 25°C PD 277 W TC = 100°C PD 138 W Operating Junction Temperature Tj -40 to +175 °C Storage Temperature Tstg -55 to +175 °C (1)(2)(3) (1) Gate (2) Collector (3) Emitter *1 *1 Built in FRD (1) (2) (3) 1/11 2014.05 - Rev.B |
Similar Part No. - RGTH00TS65D |
|
Similar Description - RGTH00TS65D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |