Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6754 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6754
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6754 Datasheet(HTML) 1 Page - Linear Technology

  LTC6754 Datasheet HTML 1Page - Linear Technology LTC6754 Datasheet HTML 2Page - Linear Technology LTC6754 Datasheet HTML 3Page - Linear Technology LTC6754 Datasheet HTML 4Page - Linear Technology LTC6754 Datasheet HTML 5Page - Linear Technology LTC6754 Datasheet HTML 6Page - Linear Technology LTC6754 Datasheet HTML 7Page - Linear Technology LTC6754 Datasheet HTML 8Page - Linear Technology LTC6754 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC6754
1
6754f
For more information www.linear.com/LTC6754
Typical applicaTion
FeaTures
DescripTion
High Speed Rail-to-Rail
Input Comparator with
LVDS Compatible Outputs
The LTC®6754 is a high speed rail-to-rail comparator with
LVDS compatible outputs. The LTC6754 exhibits 1.8ns of
propagationdelay,only1nsofdispersion(10mVto125mV
overdrive) and a toggle rate up to 890Mbps.
The LTC6754 has rail-to-rail inputs, and will operate from
a 2.4V to 5.25V supply. For the QFN package, the LVDS
output is operated with a separate supply, providing isola-
tion between input and output circuitry, and allowing for
logic level translation.
In shutdown mode, power is reduced from 13.4mA to
under 1.1mA, and the comparator can wake up in 120ns.
The LTC6754 includes 4.5mV of hysteresis to minimize
instability. For the QFN package, a separate pin is available
to set the hysteresis from 0mV (off) up to 40mV. The QFN
version also features output latching to provide the ability
to quickly capture the state of the comparator.
The dispersion of only 1ns combined with excellent
propagation delay of 1.8ns makes the device an excel-
lent choice for timing critical applications. Similarly, the
890Mbpstogglerateandlowjitterof1.5psRMS(200mVP–P,
245.76MHz input) make the LTC6754 ideally suited for
high frequency line driver and clock recovery circuits.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
applicaTions
n
Low Propagation Delay: 1.8ns Typ.
n
Low Overdrive Dispersion: 1ns Typ.
(10mV to 125mV Overdrive)
n
High Toggle Rate: 890Mbps Typ.
n
LVDS Compatible Output Stage
n
Rail-to-Rail Inputs Extend Beyond Both Rails
n
Low Quiescent Current: 13.4mA
n
Supply Range: 2.4V to 5.25V
n
Features within the LTC6754 Family:
n
Separate Input and Output Supplies
n
Shutdown Pin for Reduced Power
n
Output Latch and Adjustable Hysteresis
n
SC70 and 3mm
×3mm QFN Packages
n
Clock and Data Recovery
n
Level Translation
n
High Speed Data Acquisition Systems
n
Window Comparators
n
High Speed Line Receivers
n
Time Domain Reflectometry
n
Time of Flight Measurements
n
Cable Drivers
20ns/DIV
Q – Q
100mV/DIV
0mV
+IN, –IN
200mV/DIV
700mV
6754 F16
–IN
Q – Q
+IN
High Speed Differential Line Receiver and LVDS Translator
with Excellent Common Mode Rejection
VCCI
VCCO
+
Q
100
Q
6754 T01a
SMALL DIFFERENTIAL SIGNAL WITH
LARGE COMMON MODE COMPONENT
VEE
+IN
–IN
LTC6754


Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6754 AD-LTC6754 Datasheet
3Mb / 34P
Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results

Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
Rail-to-rail 1.8V high-speed comparator
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
IttyBitty Rail-to-Rail Input Comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com