Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6754 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6754
Description  High Speed Rail-to-Rail Input Comparator with LVDS Compatible Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6754 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6754 Datasheet HTML 4Page - Linear Technology LTC6754 Datasheet HTML 5Page - Linear Technology LTC6754 Datasheet HTML 6Page - Linear Technology LTC6754 Datasheet HTML 7Page - Linear Technology LTC6754 Datasheet HTML 8Page - Linear Technology LTC6754 Datasheet HTML 9Page - Linear Technology LTC6754 Datasheet HTML 10Page - Linear Technology LTC6754 Datasheet HTML 11Page - Linear Technology LTC6754 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC6754
8
6754f
For more information www.linear.com/LTC6754
Supply Current vs Supply Voltage
Supply Current vs Common Mode
Voltage
Total Supply Current vs
SHDN Pin Voltage
SHDN Pin I–V Characteristics
Input Hysteresis vs
LE/HYST Pin Voltage
LE/HYST Pin I–V Characteristics
Output Differential Voltage vs
Supply Voltage
Output Differential Voltage
vs Temperature
Supply Current vs Temperature
VCCI = VCCO = 5.0V, RL = 100Ω,
VOVERDRIVE = 50mV, VCM = 300mV, unless otherwise noted.
Typical perForMance characTerisTics
SUPPLY VOLTAGE (V)
2.4000
3.1125
3.8250
4.5375
5.2500
340
343
346
349
352
355
358
361
364
367
370
Supply Voltage
Output Differential Voltage vs
6754 G10
VCCI = VCCO = 5V
VCCI = VCCO = 2.5V
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
340
345
350
355
360
365
370
vs Temperature
Output Differential Voltage
6754 G11
IVCCI
IVCCO
ITOTAL
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Supply Current vs Temperature
6754 G12
IVCCI
IVCCO
ITOTAL
SUPPLY VOLTAGE (V)
2.4000
3.1125
3.8250
4.5375
5.2500
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Supply Current vs Supply Voltage
6754 G13
IVCCI
IVCCO
ITOTAL
INPUT COMMON MODE VOLTAGE (V)
–0.2 0.3 0.9 1.4 1.9 2.5 3.0 3.5 4.0 4.6 5.1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Voltage
Supply Current vs Common Mode
6754 G14
VCCI = VCCO = 5.0V
VCCI = VCCO = 2.5V
SHDN PIN VOLTAGE (V)
–0.3 0.3 0.8 1.4 1.9 2.5 3.1 3.6 4.2 4.7 5.3
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
6754 G15
VCCI = VCCO = 5.0V
VCCI = VCCO = 2.5V
SHDN PIN VOLTAGE (V)
–0.3 0.3 0.8 1.4 1.9 2.5 3.1 3.6 4.2 4.7 5.3
–15
–14
–13
–12
–11
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
SHDN Pin I–V Characteristics
6754 G16
LE/HYST PIN VOLTAGE (V)
0.75
1
1.25
1.50
1.75
2
0
5
10
15
20
25
30
35
40
45
LE/HYST Pin Voltage
Input Hysteresis vs
6754 G17
VCCI = VCCO = 2.5V
VCCI = VCCO = 5.0V
LE/HYST PIN VOLTAGE (V)
–0.3 0.3 0.8 1.4 1.9 2.5 3.1 3.6 4.2 4.7 5.3
–120
–90
–60
–30
0
30
60
90
120
150
180
6754 G18


Similar Part No. - LTC6754

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC6754 AD-LTC6754 Datasheet
3Mb / 34P
   Four-Channel Transimpedance Amplifier with Output Multiplexing
Rev. 0
More results

Similar Description - LTC6754

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Micrel Semiconductor
MIC7211 MICREL-MIC7211_09 Datasheet
366Kb / 7P
   IttyBitty Rail-to-Rail Input Comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
logo
STMicroelectronics
TS3021 STMICROELECTRONICS-TS3021_V01 Datasheet
610Kb / 16P
   Rail-to-rail 1.8 V high-speed comparator
Rev 9 - October 2022
logo
National Semiconductor ...
LMV7251 NSC-LMV7251 Datasheet
221Kb / 11P
   1.8V Low Voltage Comparator with Rail-to-Rail Input
logo
Texas Instruments
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com