Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPP15N60C3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SPP15N60C3
Description  Cool MOS??Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP15N60C3 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SPP15N60C3 Datasheet HTML 1Page - Infineon Technologies AG SPP15N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPP15N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPP15N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPP15N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPP15N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPP15N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPP15N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPP15N60C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2003-07-01
Page 5
SPP15N60C3, SPI15N60C3
SPA15N60C3
Final data
1 Power dissipation
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
TC
0
20
40
60
80
100
120
140
W
170
SPP15N60C3
2 Power dissipation FullPAK
Ptot = f (TC)
0
20
40
60
80
100
120
°C
160
Tj
0
5
10
15
20
25
W
35
3 Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC=25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
DC
4 Safe operating area FullPAK
ID = f (VDS)
parameter: D = 0, TC = 25°C
10
0
10
1
10
2
10
3
V
VDS
-2
10
-1
10
0
10
1
10
2
10
A
tp = 0.001 ms
tp = 0.01 ms
tp = 0.1 ms
tp = 1 ms
tp = 10 ms
DC


Similar Part No. - SPP15N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP15N60C3 INFINEON-SPP15N60C3 Datasheet
689Kb / 14P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
SPP15N60C3 INFINEON-SPP15N60C3 Datasheet
689Kb / 14P
Cool MOS??Power Transistor
Rev. 3.2 2009-12-22
logo
Inchange Semiconductor ...
SPP15N60C3 ISC-SPP15N60C3 Datasheet
318Kb / 2P
Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPP15N60C3 INFINEON-SPP15N60C3_09 Datasheet
689Kb / 14P
New revolutionary high voltage technology Ultra low gate charge Extreme dv/dt rated
Rev. 3.2 2009-12-22
More results

Similar Description - SPP15N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
Cool MOS??Power Transistor
2003-07-02
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com