Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 27 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 27 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 23Page - Semtech Corporation GS1661 Datasheet HTML 24Page - Semtech Corporation GS1661 Datasheet HTML 25Page - Semtech Corporation GS1661 Datasheet HTML 26Page - Semtech Corporation GS1661 Datasheet HTML 27Page - Semtech Corporation GS1661 Datasheet HTML 28Page - Semtech Corporation GS1661 Datasheet HTML 29Page - Semtech Corporation GS1661 Datasheet HTML 30Page - Semtech Corporation GS1661 Datasheet HTML 31Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
27 of 84
4.4.1 PLL Loop Bandwidth
The fine frequency and phase lock loop in the GS1661 reclocker is non-linear. The PLL
loop bandwidth scales with the jitter amplitude of the input data stream; automatically
reduces bandwidth in response to higher jitter. This allows the PLL to reject more of the
jitter in the input data stream and produce a very clean reclocked output.
The loop bandwidth of the GS1661 PLL is defined with 0.2UI input jitter. The bandwidth
is controlled by the LB_CONT pin. Under nominal conditions, with the LB_CONT pin
floating and 0.2UI input jitter applied, the loop bandwidth is set to 1/1000 of the
frequency of the input data stream. Connecting the LB_CONT pin to 3.3V reduces the
bandwidth to half of the nominal setting. Connecting the LB_CONT pin to GND increases
the bandwidth to double the nominal setting. Table 4-2 below summarizes this
information.
4.5 External Crystal/Reference Clock
The GS1661 requires an external 27MHz reference clock for correct operation. This
reference clock is generated by connecting a crystal to the XTAL1 and XTAL2 pins of the
device. See Application Reference Design on page 78. Table 4-3 shows XTAL
characteristics.
Alternately, a 27MHz external clock source can be connected to the XTAL1 pin of the
device, as shown in Figure 4-2.
The frequency variation of the crystal including aging, supply and temperature
variation, should be less than +/-100ppm.
The equivalent series resistance (or motional resistance) should be a maximum of 50
Ω.
The external crystal is used in the frequency acquisition process. It has no impact on the
output jitter performance of the part when the part is locked to incoming data. Because
of this, the only key parameter is the frequency variation of the crystal that is stated
above.
Table 4-2: PLL Loop Bandwidth
Input Data Rate
LB_CONT Pin Connection
Loop Bandwidth (MHz)1
SD
3.3V
0.135
Floating
0.27
0V
0.54
HD
3.3V
0.75
Floating
1.5
0V
3.0
1Measured with 0.2UI input jitter applied


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com