Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 15 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 11Page - Semtech Corporation GS1661 Datasheet HTML 12Page - Semtech Corporation GS1661 Datasheet HTML 13Page - Semtech Corporation GS1661 Datasheet HTML 14Page - Semtech Corporation GS1661 Datasheet HTML 15Page - Semtech Corporation GS1661 Datasheet HTML 16Page - Semtech Corporation GS1661 Datasheet HTML 17Page - Semtech Corporation GS1661 Datasheet HTML 18Page - Semtech Corporation GS1661 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
15 of 84
2.3 DC Electrical Characteristics
Supply Voltage, CD Buffer
BUFF_VDD
3.13
3.3
3.47
V
1
NOTE:
1. The 3.3V supplies must track the 3.3V supply of an external CD.
Table 2-2: Recommended Operating Conditions
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Table 2-3: DC Electrical Characteristics
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
System
+1.2V Supply Current
I1V2
10/20bit HD
160
200
mA
10/20bit SD
130
170
mA
DVB_ASI
130
170
mA
+1.8V Supply Current
I1V8
10/20bit HD
15
21
mA
10/20bit SD
47
mA
DVB_ASI
4
6
mA
+3.3V Supply Current
I3V3
10/20bit HD
110
135
mA
10/20bit SD
90
100
mA
DVB_ASI
90
95
mA
Total Device Power
(IO_VDD = 1.8V)
P1D8
10/20bit HD
460560mW
10/20bit SD
410
490
mW
DVB_ASI
410
490
mW
Reset
390
mW
Standby
23
45
mW
Total Device Power
(IO_VDD = 3.3V)
P3D3
10/20bit HD
550
700
mW
10/20bit SD
440
540
mW
DVB_ASI
440
530
mW
Reset
410
mW
Standby
23
45
mW
Digital I/O
Input Logic LOW
VIL
3.3V or 1.8V operation
IO_VSS
-0.3
0.3 x
IO_VDD
V–
Input Logic HIGH
VIH
3.3V or 1.8V operation
0.7 x
IO_VDD
IO_VDD
+0.3
V–
Output Logic LOW
VOL
IOL = 5mA, 1.8V operation
0.2
V
IOL = 8mA, 3.3V operation
0.4
V
Output Logic HIGH
VOH
IOH = 5mA, 1.8V operation
1.4
V
IOH = 8mA, 3.3V operation
2.4
V


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com