Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 8Page - Semtech Corporation GS1661 Datasheet HTML 9Page - Semtech Corporation GS1661 Datasheet HTML 10Page - Semtech Corporation GS1661 Datasheet HTML 11Page - Semtech Corporation GS1661 Datasheet HTML 12Page - Semtech Corporation GS1661 Datasheet HTML 13Page - Semtech Corporation GS1661 Datasheet HTML 14Page - Semtech Corporation GS1661 Datasheet HTML 15Page - Semtech Corporation GS1661 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
12 of 84
G8DVB_ASI
Input/Output
CONTROL SIGNAL INPUT
Please refer to the Input/Output Logic parameters in the DC
Electrical Characteristics table for logic level threshold and
compatibility.
Used to enable/disable DVB-ASI data extraction in manual mode.
When the AUTO/MAN bit in the host interface is LOW, this pin is an
input and when the DVB_ASI pin is set HIGH the device will carry out
DVB_ASI data extraction and processing. The SMPTE_BYPASS pin
must be set LOW. When SMPTE_BYPASS and DVB_ASI are both set
LOW, the device operates in Data-Through mode.
When the AUTO/MAN bit in the host interface is HIGH (default),
DVB-ASI is configured as a status output (set LOW), and DVB-ASI
input streams are not supported or recognized.
H1
BUFF_VDD
Input Power
POWER pin for the serial digital output 50
Ω buffer. Connect to 3.3V
DC analog.
H2
BUFF_GND
Input Power
GND pin for the cable driver buffer. Connect to analog GND.
H5
TIM_861
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to select CEA-861 timing mode.
When TIM_861 is HIGH, the device outputs CEA 861 timing signals
(HSYNC/VSYNC/DE) instead of H:V:F digital timing signals.
H6
XTAL_OUT
Digital
Output
Buffered 27MHz crystal output. Can be used to cascade the crystal
signal.
H7
20bit/10bit
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to select the output bus width.
HIGH = 20-bit, LOW = 10-bit.
H8
IOPROC_EN/DIS
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to enable or disable video processing features. When
IOPROC_EN is HIGH, the video processing features of the device are
enabled. When IOPROC_EN is LOW, the processing features of the
device are disabled, and the device is in a low-latency operating
mode.
J1, K1
SDO, SDO
Output
Serial Data Output Signal.
50
Ω CML buffer for interfacing to an external cable driver.
Serial digital output signal operating at 1.485Gb/s, 1.485/1.001Gb/s
and 270Mb/s.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com