Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 79 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 79 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 75Page - Semtech Corporation GS1661 Datasheet HTML 76Page - Semtech Corporation GS1661 Datasheet HTML 77Page - Semtech Corporation GS1661 Datasheet HTML 78Page - Semtech Corporation GS1661 Datasheet HTML 79Page - Semtech Corporation GS1661 Datasheet HTML 80Page - Semtech Corporation GS1661 Datasheet HTML 81Page - Semtech Corporation GS1661 Datasheet HTML 82Page - Semtech Corporation GS1661 Datasheet HTML 83Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
79 of 84
5.3 Typical Application Circuit
CD_VDD
CS10-27.000M
16p
16p
CD_VDD
470n
+1.2V_A
0R
0R
10n
+1.2V
10n
10n
10n
10n
4. For impedance controlled signal layout refer to PCB layout guide.
IO_VDD
+1.2V
DOUT[19:0]
10n
Power Filtering
10n
10n
SDIN_TDI
DNP
SCLK_TCK
4u7
10n
49R9
49R9
Close to
pin 1 & 2
of GS2978
CS_TMS
+1.2V_A
IO_VDD
+3.3V_A
R7
105R
+1.2V
C18
33u
+1.2V_A
LOCKED (DEFAULT, PROGRAMMABLE)
R19
DNP
+3.3V_A
22R
0R
10n
10n
Place close to GS1661
1
UCBBJE20-1
CD_DISABLEb
Y /1ANC (DEFAULT, PROGRAMMABLE)
PCLK
22R
DATA_ERRORb (DEFAULT, PROGRAMMABLE)
1u
22R
H/HSY NC (DEFAULT, PROGRAMMABLE)
1u
A_GND
22R
10n
CD SLEW RATE SELECT
VBG
A1
LF
A2
LB_CONT
A3
STAT0
A5
STAT1
A6
STAT2
B5
STAT3
B6
STAT4
C5
STAT5
C6
PCLK
A8
DOUT 0
K8
DOUT 1
J8
DOUT 2
K9
DOUT 3
K10
DOUT 4
J9
DOUT 5
J10
DOUT 6
H9
DOUT 7
H10
DOUT 8
F9
DOUT 9
F10
DOUT 10
E9
DOUT 11
E10
DOUT 12
C8
DOUT 13
C10
DOUT 14
C9
DOUT 15
B10
DOUT 16
B9
DOUT 17
A10
DOUT 18
A9
DOUT 19
B8
RSV
B3
SDI
C1
RESET_TRST
C7
SDI
D1
SW_EN
D7
JTAG/HOST
D8
SDOUT_TDO
E7
SDIN_TDI
E8
F1
AGCN
F2
CS_TMS
F7
SCLK_TCK
F8
G1
RC_BY P
G3
RSV
SMPTE_BY PASS
G7
DVB_ASI
G8
H4
TIM_861
H5
XTAL_OUT
H6
20bit/10bit
H7
IOPROC_EN/DIS
H8
SDO
J1
SDO_EN/DIS
J2
J3
J4
J5
XTAL2
J6
SDO
K1
STANDBY
K2
K3
K4
K5
XTAL1
K6
GS1661-IBE3
SMPTE_BY PASS
1u
Place close to GS1661
+3.3V_A
10n
V/VSY NC (DEFAULT, PROGRAMMABLE)
22R
1u
F/DE (DEFAULT, PROGRAMMABLE)
22R
22R
22R
3. For analog power and ground isolation refer to PCB layout guide.
DVB_ASI
Power Decoupling
22R
Place close to GS1661
22R
SDOUT_TDO
SW_EN
1u
22R
1u
22R
IOPROC_EN/DIS
75-ohm Traces
CD_DISABLEb
22R
75R
4u7
20bit/10bit
75R
5n6
10n
+3.3V_A
10n
10n
1
UCBBJE20-1
22R
RC_BY P
75R
75R
IO_VDD
1u
22R
JTAG/HOST
75R
6n2
75R
22R
1u
37R4
1u
22R
STANDBY
RESET_TRST
22R
2. The value of the series resistors on video data, clock, and timing
connections should be determined by board signal integrity test.
22R
22R
22R
SDO_EN/DIS
22R
+3.3V
TP
CD_VDD
0R
10n
10n
47n
SDI
2
VEE
3
RSET
4
SD/HD
10
SDO
11
SDI
1
VCC
9
SDO
12
GS2978-CNE3
10n
+1.2V_A
10n
10n
22R
10n
10n
DOUT[19:0]
TIM_861
22R
750R
1. DNP (Do Not Populate).
Notes:
1u
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
CD_VDD
A_GND
A_GND
A_GND
A_GND
A_GND
A_GND
470n
AGCP
RSV
RSV
RSV
RSV
RSV
RSV
RSV
A_GND


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com