Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 74 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 74 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 70Page - Semtech Corporation GS1661 Datasheet HTML 71Page - Semtech Corporation GS1661 Datasheet HTML 72Page - Semtech Corporation GS1661 Datasheet HTML 73Page - Semtech Corporation GS1661 Datasheet HTML 74Page - Semtech Corporation GS1661 Datasheet HTML 75Page - Semtech Corporation GS1661 Datasheet HTML 76Page - Semtech Corporation GS1661 Datasheet HTML 77Page - Semtech Corporation GS1661 Datasheet HTML 78Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
74 of 84
037h
ERROR_MASK_1
RSVD
15-11
Reserved.
R
0
ERROR_MASK_1
10-0
Error mask for global error vector
(HD, SD):
bit[0]: EAV_ERR_DS1 mask
bit[1]: SAV_ERR_DS1 mask
bit[2]: LNUM_ERR_DS1 mask
bit[3]: YCRC_ERR_DS1 mask
bit[4]: CCRC_ERR_DS1 mask
bit[5]: YCS_ERR_DS1 mask
bit[6]: CCS_ERR_DS1 mask
bit[7]: Reserved
bit[8]: AP_CRC_ERR mask
bit[9]: FF_CRC_ERR mask
bit[10]: VD_STD_ERR_DS1 mask
R/W
0
038h
- 6Bh
RSVD
RSVD
15-0
Reserved.
R
0
06Ch
CLK_GEN
RSVD
15-5
Reserved.
R/W
0
DEL_LINE_OFFSET
4-0
Controls the offset for the delay
line.
R/W
0
06Dh
IO_DRIVE
_STRENGTH
RSVD
15-6
Reserved.
R/W
0
IO_DS_CTRL_DOUT_MSB
5-4
Drive strength adjustment for
DOUT[19:10] outputs and PCLK
output:
00: 4mA;
01: 8mA;
10: 10mA(1.8V), 12mA(3.3V);
11: 12mA(1.8V), 16mA(3.3V)
R/W
2
IO_DS_CTRL_STAT
3-2
Drive strength adjustment for
STAT[5:0] outputs:
00: 4mA;
01: 6mA;
10: 8mA(1.8V), 10mA(3.3V);
11: 10mA(1.8V), 12mA(3.3V)
R/W
2
IO_DS_CTRL_DOUT_LSB
1-0
Drive strength adjustment for
DOUT[9:0] outputs:
00: 4mA;
01: 6mA;
10: 8mA(1.8V), 10mA(3.3V);
11: 10mA(1.8V), 12mA(3.3V)
R/W
3
06Eh
- 072h
RSVD
RSVD
Reserved.
R/W
0
073h
EQ_BYPASS
RSVD
15-10
Reserved.
R/W
0
EQ_BYPASS
9
0: non-bypass EQ
1: bypass EQ
R/W
0
RSVD
8-0
Reserved.
R/W
0
074h
-085h
RSVD
RSVD
15-0
Reserved.
R/W
0
Table 4-17: Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com