Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 71 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 71 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 67Page - Semtech Corporation GS1661 Datasheet HTML 68Page - Semtech Corporation GS1661 Datasheet HTML 69Page - Semtech Corporation GS1661 Datasheet HTML 70Page - Semtech Corporation GS1661 Datasheet HTML 71Page - Semtech Corporation GS1661 Datasheet HTML 72Page - Semtech Corporation GS1661 Datasheet HTML 73Page - Semtech Corporation GS1661 Datasheet HTML 74Page - Semtech Corporation GS1661 Datasheet HTML 75Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
71 of 84
008h
IO_CONFIG
RSVD
15
Reserved.
RW
0
STAT2_CONFIG
14-10
Configure STAT2 output pin:
00000: H Blanking when TIM_861 =
0; HSYNC when TIM_861 = 1
00001: V Blanking when TIM_861 =
0; VSYNC when TIM_861 = 1
00010: F bit when TIM_861 = 0;
Data Enable (DE) when TIM_861 =
1
00011: LOCKED
00100: Y/1ANC: ANC indication
(SD), Luma ANC indication (HD)
00101: C/2ANC: Chroma ANC
indication (HD)
00110: Data Error
00111: Video Error
01000: Reserved
01001: EDH Detected
01010: Carrier Detect
01011: RATE_DET
01100 - 11111: Reserved
RW
2
STAT1_CONFIG
9-5
Configure STAT1 output pin. (Refer
to above for decoding)
RW
1
STAT0_CONFIG
4-0
Configure STAT0 output pin. (Refer
to above for decoding)
RW
0
009h
IO_CONFIG2
RSVD
15
Reserved.
RW
0
STAT5_CONFIG
14-10
Configure STAT5 output pin. (Refer
to above for decoding)
RW
6
STAT4_CONFIG
9-5
Configure STAT4 output pin. (Refer
to above for decoding)
RW
4
STAT3_CONFIG
4-0
Configure STAT3 output pin. (Refer
to above for decoding)
RW
3
00Ah
ANC_CONTROL
RSVD
15-4
Reserved.
RW
0
ANC_DATA_SWITCH3
Switches between FIFO memories.
RW
0
ANC_DATA_DEL
2
Remove Ancillary Data from
output video stream, set to Luma
and Chroma blanking values.
RW
0
HD_ANC_Y1_C2
1
Extract Ancillary data from Luma
and Chroma channels (HD inputs)
RW
0
HD_ANC_C2
0
Extract Ancillary data only from
Chroma channel (HD inputs)
RW
0
00Bh
ANC_LINE_A
RSVD
15-11
Reserved.
R/W
0
ANC_LINE_A
10-0
Video Line to extract Ancillary data
from.
R/W
0
00ChANC_LINE_B
RSVD
15-11
Reserved.
R/W
0
ANC_LINE_B
10-0
Second video Line to extract
Ancillary data from.
R/W
0
Table 4-17: Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com