Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 70 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 70 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 66Page - Semtech Corporation GS1661 Datasheet HTML 67Page - Semtech Corporation GS1661 Datasheet HTML 68Page - Semtech Corporation GS1661 Datasheet HTML 69Page - Semtech Corporation GS1661 Datasheet HTML 70Page - Semtech Corporation GS1661 Datasheet HTML 71Page - Semtech Corporation GS1661 Datasheet HTML 72Page - Semtech Corporation GS1661 Datasheet HTML 73Page - Semtech Corporation GS1661 Datasheet HTML 74Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
70 of 84
005h
EDH_FLAG_OUT
RSVD
15
Reserved.
R
0
ANC_UES
14
Ancillary data – Unknown Error
Status flag.
R1
ANC_IDA
13
Ancillary data – Internal error
Detected Already flag.
R0
ANC_IDH
12
Ancillary data – Internal error
Detected Here flag.
R0
ANC_EDA
11
Ancillary data – Error Detected
Already flag.
R0
ANC_EDH
10
Ancillary data – Error Detected
Here flag.
R0
FF_UES
9
EDH Full Field – Unknown Error
Status flag.
R1
FF_IDA
8
EDH Full Field – Internal error
Detected Already flag.
R0
FF_IDH
7
EDH Full Field – Internal error
Detected Here flag.
R0
FF_EDA
6
EDH Full Field – Error Detected
Already flag.
R0
FF_EDH
5
EDH Full Field – Error Detected
Here flag.
R0
AP_UES
4EDH Active Picture – Unknown
Error Status flag.
R1
AP_IDA
3
EDH Active Picture – Internal error
Detected Already flag.
R0
AP_IDH
2
EDH Active Picture – Internal error
Detected Here flag.
R0
AP_EDA
1
EDH Active Picture – Error Detected
Already flag.
R0
AP_EDH
0
EDH Active Picture – Error Detected
Here flag.
R0
006hDATA_FORMAT_
DS1
FF_CRC_V
15
EDH Full Field CRC Validity bit.
R
0
AP_CRC_V
14
EDH Active Picture CRC Validity bit.
R
0
VD_STD_DS1
13-8
Detected Video Standard for HD
and SD inputs.
R29
CDATA_FORMAT_DS1
7-4
Data format as indicated in
Chroma channel for HD and SD
inputs.
R15
YDATA_FORMAT_DS1
3-0
Data format as indicated in Luma
channel for HD and SD inputs.
R15
007h
RSVD
RSVD
15-0
Reserved.
R
N/A
Table 4-17: Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com