Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 67 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 67 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 63Page - Semtech Corporation GS1661 Datasheet HTML 64Page - Semtech Corporation GS1661 Datasheet HTML 65Page - Semtech Corporation GS1661 Datasheet HTML 66Page - Semtech Corporation GS1661 Datasheet HTML 67Page - Semtech Corporation GS1661 Datasheet HTML 68Page - Semtech Corporation GS1661 Datasheet HTML 69Page - Semtech Corporation GS1661 Datasheet HTML 70Page - Semtech Corporation GS1661 Datasheet HTML 71Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
67 of 84
4.19 Host Interface Register Maps
Table 4-17: Configuration and Status Registers
Address
Register Name
Bit Name
Bit
Description
R/W
Default
000h
IOPROC_1
RSVD
15
Reserved.
R
0
TRS_WORD_REMAP_DS1
_DISABLE
14
Disables 8-bit TRS word remapping
for HD and SD inputs.
R/W
0
RSVD
13
Reserved.
R/W
0
EDH_FLAG_UPDATE
_MASK
12
Disables updating of EDH error
flags.
R/W
0
EDH_CRC_INS_MASK11
Disables EDH_CRC error correction
and insertion.
R/W
0
H_CONFIG
10
Selects the H blanking indication:
0: Active line blanking - the H
output is HIGH for all the
horizontal blanking period,
including the EAV and SAV TRS
words.
1: TRS based blanking - the H
output is set HIGH for the entire
horizontal blanking period as
indicated by the H bit in the
received TRS signals.
This signal is only valid when
TIM_861 is set to '0' (via pin or host
interface).
R/W
0
ANC_DATA_EXT_MASK9
Disables ancillary data extraction
FIFO.
R/W
0
RSVD
8
Reserved.
R/W
0
TIM_861_PIN_DISABLE
7
Disable TIM_861 pin control when
set to '1', and use TIMING_861 bit
instead.
R/W
0
TIMING_861
6Selects the output timing reference
format:
0 = Digital FVH timing output;
1 = CEA-861 timing output.
R/W
0
RSVD
5
Reserved.
R/W
0
ILLEGAL_WORD_REMAP
_DS1_MASK
4Disables illegal word remapping
for HD and SD inputs.
R/W
0
000h
IOPROC_1
ANC_CHECKSUM
_INSERTION_DS1_MASK
3Disables insertion of ancillary data
checksums for HD and SD inputs.
R/W
0
CRC_INS_DS1_MASK2
Disables insertion of HD CRC words
for HD inputs.
R/W
0
LNUM_INS_DS1_MASK1
Disables insertion of line numbers
for HD inputs.
R/W
0
TRS_INS_DS1_MASK0
Disables insertion of TRS words for
HD and SD inputs.
R/W
0


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com